Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6843MP Datasheet(PDF) 7 Page - Sanken electric

Part # SMA6843MP
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6843MP Datasheet(HTML) 7 Page - Sanken electric

Back Button SMA6843MP Datasheet HTML 3Page - Sanken electric SMA6843MP Datasheet HTML 4Page - Sanken electric SMA6843MP Datasheet HTML 5Page - Sanken electric SMA6843MP Datasheet HTML 6Page - Sanken electric SMA6843MP Datasheet HTML 7Page - Sanken electric SMA6843MP Datasheet HTML 8Page - Sanken electric SMA6843MP Datasheet HTML 9Page - Sanken electric SMA6843MP Datasheet HTML 10Page - Sanken electric SMA6843MP Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6843MP
7
1.27 ±0.1
2
4
6
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
131517192123
4 ±0.2
10.2 ±0.2
R1
REF
4.4
REF
2.2 ±0.7
BSC
2.2 ±0.7
BSC
3 ±0.5
BSC
1.2 ±0.1
BSC
Gate protrusion
Deflection at pin bend
0.7 MAX
A
C
C
Measured at pin exit from case
Maximum dambar protrusion
0.6
+0.15
– 0.05
0.55
+0.2
– 0.1
0.7
+0.15
– 0.05
A
1.27 ±0.6 B
B Measured at pin tips
View A
31 ±0.2
31.3 ±0.2
Gate protrusion
View A
Leadform: 2451
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line, lot:
YMDDT
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
T is the tracking letter
2nd line, type: SMA6843MP
Branding Area
Package Outline Drawing
Leadform 2451
Dual rows, 24 alternating pins; pins bent 90° for horizontal case mounting; pin #1 in outer row
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SMA6843MP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6843MP SANKEN-SMA6843MP Datasheet
448Kb / 2P
   Support for 3-shunt
SMA6843MP SANKEN-SMA6843MP_08 Datasheet
448Kb / 2P
   Support for 3-shunt
SMA6843MP SANKEN-SMA6843MP_09 Datasheet
320Kb / 13P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SMA6843MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com