Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1322FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA1322FN
Description  DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1322FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA1322FN Datasheet HTML 1Page - Toshiba Semiconductor TA1322FN Datasheet HTML 2Page - Toshiba Semiconductor TA1322FN Datasheet HTML 3Page - Toshiba Semiconductor TA1322FN Datasheet HTML 4Page - Toshiba Semiconductor TA1322FN Datasheet HTML 5Page - Toshiba Semiconductor TA1322FN Datasheet HTML 6Page - Toshiba Semiconductor TA1322FN Datasheet HTML 7Page - Toshiba Semiconductor TA1322FN Datasheet HTML 8Page - Toshiba Semiconductor TA1322FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TA1322FN
2002-02-12
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1322FN
Down-Converter IC with PLL for Satellite Tuner
The TA1322FN is a wideband down-converter which can
operate at input frequency ranging from 850 MHz to 2200 MHz.
Intended primarily for use in satellite tuners, this IC includes an
oscillator, a mixer, an IF amplifier and a PLL.
The I2C bus data format is used as the data control format.
The supply voltage of 5.0 V helps minimize the tuner’s power
dissipation, while the compact 30-pin SSOP package allows the
tuner to be kept small.
Features
· Supply voltage: 5.0 V (typ.)
· Wide input frequency range
· Low phase noise oscillator
· Standard I2C bus format control
· 4-MHz (X’tal) buffer output pin
· Reference oscillator input change-over switch [X’tal or external input]
· 33-V high-voltage tuning amplifier built-in
· Built-in comparator (P4, P5, P7)
· Bandswitch drive transistor (P0) [IBD = 40 mA (max)]
· Selected IF output port
· Frequency step: 62.5 kHz or 125 kHz (for 4-MHz X’tal)
· 4-address setting via address selector
· Power-on reset circuit
· ×1/2 prescaler
· Flat compact package: SSOP30-P-300-0.65 (0.65-mm pitch)
Power-On Reset Operation Conditions
· Frequency step: 125 kHz
· Charge pump output current: ±50 µA
· Counter data: all [0]
· Band driver: OFF
· Tuning amplifier: OFF
· IF output operation: pin 19 is ON
Note 1: This device can easily be damaged by high voltages or electrical fields. For this reason, please handle it
with care.
Weight: 0.17 g (typ.)
Preliminary


Similar Part No. - TA1322FN

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA132 PICO-TA132 Datasheet
2Mb / 26P
   PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Transko Electronics, In...
TA13212AV TRANSKO-TA13212AV Datasheet
593Kb / 4P
   132.3 MHz IF SAW Filter / 12.55 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
   SAW Filter 425 MHz
logo
Transko Electronics, In...
TA1321AM TRANSKO-TA1321AM Datasheet
429Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results

Similar Description - TA1322FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com