Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R700G Datasheet(PDF) 6 Page - Littelfuse

Part # 16R700G
Description  POLYFUSE Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R700G Datasheet(HTML) 6 Page - Littelfuse

  16R700G Datasheet HTML 1Page - Littelfuse 16R700G Datasheet HTML 2Page - Littelfuse 16R700G Datasheet HTML 3Page - Littelfuse 16R700G Datasheet HTML 4Page - Littelfuse 16R700G Datasheet HTML 5Page - Littelfuse 16R700G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
122
Revised: April 3, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
Dimension
EIA Mark
IEC Mark
Dimensions
Dim. (mm)
Tol. (mm)
Carrier tape width
WW
18
-0.5 /+1.0
Hold down tape width:
W
4
W
0
11
min.
Top distance between tape edges
W
6
W
2
3
max.
Sprocket hole position
W
5
W
1
9
-0.5 /+0.75
Sprocket hole diameter*
D
0
D
0
4
-0.32 /+0.2
Abscissa to plane(straight lead)
HH
18.5
-/+ 3.0
Abscissa to plane(kinked lead)
H
0
H
0
16
-/+ 0.5
Abscissa to top
45.0
max.
Overall width w/o lead protrusion
56
max.
Overall width w/ lead protrusion
57
max.
Lead protrusion
L
1
l
1
1.0
max.
Protrusion of cut out
LL
11
max.
Protrusion beyond hold-down tape
l
2
l
2
Not specified
Sprocket hole pitch
P
0
P
0
25.4
-/+ 0.5
Device pitch:
25.4
Pitch tolerance
20
consecutive.
-/+ 1
Tape thickness
tt
0.9
max.
Tape thickness with splice
t
1
2.0
max.
Splice sprocket hole alignment
0
-/+ 0.3
Body lateral deviation
Δh
Δh
0
-/+ 1.0
Body tape plane deviation
Δp
Δp
0
-/+ 1.3
Ordinate to adjacent component lead*
P
1
P
1
3.81
-/+ 0.7
Ordinate to adjacent component lead*
7.62
-/+ 0.7
Lead spacing:16R250G-16R1100G
FF
5.08
-/+ 0.8
Lead spacing:16R1200G-16R1400G
FF
10.18
-/+ 0.8
*Differs from EIA specification
A
B
A1
L1
P0
D0
F
L
W4
H0
I2
H1
W5
W
Reference plane
Δh
Δh
H1
H
C1
C2
Δh
Δp
Direction of unreeling
Cross section A - B
t
Tape and Ammo Diagram
Figure 1


Similar Part No. - 16R700G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R700G LITTELFUSE-16R700G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R700G LITTELFUSE-16R700G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R700G LITTELFUSE-16R700G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R700GF LITTELFUSE-16R700GF Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R700GKL LITTELFUSE-16R700GKL Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
More results

Similar Description - 16R700G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com