Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP0080Q38CB Datasheet(PDF) 5 Page - Littelfuse

Part # SDP0080Q38CB
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SDP0080Q38CB Datasheet(HTML) 5 Page - Littelfuse

  SDP0080Q38CB Datasheet HTML 1Page - Littelfuse SDP0080Q38CB Datasheet HTML 2Page - Littelfuse SDP0080Q38CB Datasheet HTML 3Page - Littelfuse SDP0080Q38CB Datasheet HTML 4Page - Littelfuse SDP0080Q38CB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® Protection Thyristors
Broadband Optimized™
www.littelfuse.com
©2008 Littelfuse
5
SIDACtor® Protection Thyristor Datasheet
SDP Biased Series
Tape and Reel Specifications
K0
P0
P1
W
D0
A0
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
PIN 1 MARK THIS SIDE
CARRIER TAPE DIMENSIONS
A
B
D
C
W1
N
REEL OUTLINE
TRAILER
160mm MIN
LEADER
400mm MIN
START
END
CARRIER TAPE
COVER TAPE
TAPE LEADER AND TRAILER
ITEM
DESCRIPTION
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
Reel Diameter
N/A
12.992 N/A
330.0
B
Drive Spoke Width
0.059
N/A
1.50
N/A
C
Arbor Hole Diameter
0.504
0.531 12.80
13.50
D
Drive Spoke Diameter
0.795
N/A
20.20
N/A
N
Hub Diameter
1.969
N/A
50.00
N/A
W1 Reel Inner Width at Hub
0.488
0.567 12.40
14.40
A0
Pocket Width at bottom
0.204 0.208 0.212
5.20
5.30
5.40
B0
Pocket Length at bottom 0.244 0.248 0.252
6.20
6.30
6.40
A1
Pocket Width at opening
0.212
5.40
B1
Pocket Length at opening
0.252
6.40
D0
Feed Hole Diameter
0.059 0.061 0.063
1.50
1.55
1.60
D1
Pocket Hole Diameter
0.059 0.063
N/A
1.50
1.60
N/A
E1
Feed hole position 1
0.065 0.069 0.073
1.65
1.75
1.85
E2
Feed hole position 2
0.400 0.404 0.408 10.15 10.25 10.35
F
Feed hole center-Pocket
hole center 2
0.212 0.216 0.220
5.40
5.50
5.60
K0
Pocket Depth
0.067 0.071 0.075
1.70
1.80
1.90
P0
Feed Hole Pitch
0.153 0.157 0.161
3.90
4.00
4.10
P1
Component Spacing
0.311 0.315 0.319
7.90
8.00
8.10
P2
Feed hole center-Pocket
hole center 1
0.077 0.079 0.081
1.90
2.00
2.10
T
Carrier Tape Thickness
0.010 0.012 0.014
0.25
0.30
0.35
W
Embossed Carrier Tape
Width
0.460 0.472 0.484 11.70 12.00 12.30
W0 Cover Tape Width
0.358 0.362 0.366
9.10
9.20
9.30


Similar Part No. - SDP0080Q38CB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB_11 Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
More results

Similar Description - SDP0080Q38CB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com