Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1001-05XTG Datasheet(PDF) 6 Page - Littelfuse

Part # SP1001-05XTG
Description  Silicon Protection Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1001-05XTG Datasheet(HTML) 6 Page - Littelfuse

  SP1001-05XTG Datasheet HTML 1Page - Littelfuse SP1001-05XTG Datasheet HTML 2Page - Littelfuse SP1001-05XTG Datasheet HTML 3Page - Littelfuse SP1001-05XTG Datasheet HTML 4Page - Littelfuse SP1001-05XTG Datasheet HTML 5Page - Littelfuse SP1001-05XTG Datasheet HTML 6Page - Littelfuse SP1001-05XTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
16
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8pF ESD Protection Array
SP1001 Lead-Free/Green Series
Package Dimensions - SOT563
Package
SOT 563
Pins
6
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.60
0.020
0.024
B
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
0.50 BSC
0.020 BSC
L
0.10
0.30
0.004
0.012
HE
1.50
1.70
0.059
0.067
c
HE
L
A
D
6
4
2
3
E
e
B
5
Embossed Carrier Tape & Reel Specification - SC70-3
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.30
2.50
0.090
0.098
A1
1.00 Ref
0.039 Ref
B0
2.30
2.50
0.090
0.098
B1
1.90 Ref
0.074
K0
1.10
1.30
0.043
0.051
K1
0.60 Ref
0.023 Ref
t
0.27 max
0.010
Dimensions
Solder Pad Layout


Similar Part No. - SP1001-05XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001-05XTG LITTELFUSE-SP1001-05XTG Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP1001-05XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
   Silicon Protection Arrays
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
SP03-6 LITTELFUSE-SP03-6 Datasheet
213Kb / 6P
   Silicon Protection Arrays
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
   Silicon rectifiers arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com