Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0520LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR0520LT1
Description  SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR0520LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR0520LT1 Datasheet HTML 1Page - Motorola, Inc MBR0520LT1 Datasheet HTML 2Page - Motorola, Inc MBR0520LT1 Datasheet HTML 3Page - Motorola, Inc MBR0520LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR0520LT1
2
Rectifier Device Data
1
0.1
0.01
0.1
0.2
0.3
0.4
0.5
TJ = 100°C
75
°C
25
°C
–25
°C
VF , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
10,000
1000
100
010
15
20
25
75
°C
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
5
200
0
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
5
101520
25
150
100
0
50
10
1
0.01
0
1015
2025
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Typical Reverse Current
5
100
0.1
–25
°C
TJ = + 25°C
1
0.875
0
LEAD TEMPERATURE (
°C)
Figure 5. Current Derating (Lead)
67
0.75
0.625
0.5
60
0.125
0.25
0.375
DC
=
π = SQUARE WAVE
10
74
81
88
0.35
0.315
0
IF(AV), AVERAGE FORWARD CURRENT (AMP)
Figure 6. Power Dissipation
0.125
0.28
0.245
0.21
0
0.105
0.14
0.175
DC
SQUARE
WAVE
π
5
10
0.035
0.07
0.25
0.375
0.5
0.625
0.75
0.875
1
102
95
109
116
123
130
20
TJ = 125°C
IPK
IAV
+ 20
5
IPK
IAV
TJ = 100°C


Similar Part No. - MBR0520LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
logo
SUNMATE electronic Co.,...
MBR0520LT1 SUNMATE-MBR0520LT1 Datasheet
380Kb / 2P
   0.5A Surface Mount Schottky Power Rectifier
logo
ON Semiconductor
MBR0520LT1G ONSEMI-MBR0520LT1G Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0520LT1G ONSEMI-MBR0520LT1G Datasheet
152Kb / 4P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
More results

Similar Description - MBR0520LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0530T1 MOTOROLA-MBR0530T1 Datasheet
85Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Micro Commercial Compon...
RB411D MCC-RB411D_06 Datasheet
846Kb / 4P
   0.5 Amp Schottky Barrier Rectifier 20 Volts
RB411DS MCC-RB411DS Datasheet
199Kb / 3P
   0.5 Amp Schottky Barrier Rectifier 20 Volts
RB411DS MCC-RB411DS_13 Datasheet
235Kb / 3P
   0.5 Amp Schottky Barrier Rectifier 20 Volts
logo
ON Semiconductor
MBRF20200-CT ONSEMI-MBRF20200-CT Datasheet
101Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
August, 2008 ??Rev. 7
logo
Kersemi Electronic Co.,...
MBRF20200CTG KERSEMI-MBRF20200CTG Datasheet
455Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
MBRF2060CTG KERSEMI-MBRF2060CTG Datasheet
484Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 60 VOLTS
logo
Motorola, Inc
MBRM120LT3 MOTOROLA-MBRM120LT3 Datasheet
136Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 20 VOLTS
logo
Kersemi Electronic Co.,...
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com