Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1001N Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1001N
Description  Unidirectional Input, Single-Transistor Output Optocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1001N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1001N Datasheet HTML 1Page - Clare, Inc. CPC1001N Datasheet HTML 2Page - Clare, Inc. CPC1001N Datasheet HTML 3Page - Clare, Inc. CPC1001N Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
CPC1001N
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Input Power Dissipation 1
150
mW
Input Control Current
Peak (10ms)
5mA
1A
Reverse Input Voltage
5
V
Phototransistor 2
150
mW
Isolation Voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW / ºC
2 Derate Linearly 2.00 mW / ºC
Electrical absolute maximum ratings are at 25°C
Electrical Characteristics
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
ON
I
F=2mA, VCC=5V, RL=1KΩ
1
μs
Turn-Off Time
t
OFF
30
Switching Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Phototransistor Blocking Voltage
I
CEO=10µA
BV
CEO
30
90
-
V
P
Phototransistor Output (Dark) Current
I
F=0mA, VCEO=5V
I
CEO
-
9
500
nA
Saturation Voltage
I
F=1mA, IC=1mA
V
CE(sat)
-
-
0.3
V
Current Transfer Ratio
I
F=0.2mA, VCE=0.5V
CTR
100
330
800
%
Output Capacitance
V
CEO=25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics @ 25°C
Input Control Current
I
C=0.2mA, VCE=0.5V
I
F
-
0.1
0.2
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Reverse Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t ON
t OFF
V
CE


Similar Part No. - CPC1001N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
   Optocoupler: Unidirectional Input, Single-Transistor Output
More results

Similar Description - CPC1001N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
   Unidirectional-Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
   Optocoupler: Unidirectional Input, Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
   Optocoupler, Unidirectional Input Single-Transistor Output
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
   Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
   Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
   Optocoupler, Bidirectional Input Single-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
   Optocoupler, Bidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com