Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3012KM Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3012KM
Description  Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3012KM Datasheet(HTML) 2 Page - Sanken electric

  SI-3012KM Datasheet HTML 1Page - Sanken electric SI-3012KM Datasheet HTML 2Page - Sanken electric SI-3012KM Datasheet HTML 3Page - Sanken electric SI-3012KM Datasheet HTML 4Page - Sanken electric SI-3012KM Datasheet HTML 5Page - Sanken electric SI-3012KM Datasheet HTML 6Page - Sanken electric SI-3012KM Datasheet HTML 7Page - Sanken electric SI-3012KM Datasheet HTML 8Page - Sanken electric SI-3012KM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
17
ICs
SI-3000KM Series
■Electrical Characteristics 2 (High VO type)
*1: Refer to the Dropout Voltage parameter.
*2: IS1 is specified at the 5% drop point of output voltage VO on the condition that VIN=overcurrent protection starting current, IO = 10 mA).
*3: Output is OFF when output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*4: SI-3010KM, SI-3050KM and SI-3090KM, SI-3120KM cannot be used in the following applications because the built-in foldback-type overcurrent protection may cause errors during
start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage
*5: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO)
× IO. Please calculate these values referring to the Copper Laminate Area vs. Power Dissipation data as shown
hereinafter.
■External Dimensions (TO252-5)
(Unit : mm)
Pin Assignment
q VC
w VIN
e GND
r VO
t SENSE
(ADJ for SI-3010KM/SI-3120KM)
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 0.33g
Unit
V
V
mV
mV
V
µA
µA
mV/
°C
dB
A
V
µA
µA
V
Parameter
Input Voltage
Output Voltage
(Reference voltage VADJ for SI-3010KM)
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current*2
Control Voltage (Output ON)
Control Voltage (Output OFF)
VC
Control Current
Terminal (Output ON)
Control Current
(Output OFF)
Input Overvoltage Shutdown Voltage
Ratings
SI-3010KM (Variable type)
SI-3050KM
SI-3090KM
SI-3120KM
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
2.4*1
*1
*1
*1
0.98
1.00
1.02
4.90
5.00
5.10
8.82
9.00
9.18
11.76
12.00
12.24
VIN=7V, IO=10mA
VIN=7V, IO=10mA
VIN=11V, IO=10mA
VIN=14V, IO=10mA
30
30
54
72
VIN=6 to 11V,
VIN=6 to 11V, IO=10mA
VIN=10 to 15V, IO=10mA
VIN=13 to 18V, IO=10mA
IO=10mA (VO=5V)
75
75
135
180
VIN=7V,
VIN=7V, IO=0 to 1A
VIN=11V, IO=0 to 1A
VIN=14V, IO=0 to 1A
IO=0 to 1A (VO=5V)
0.3
0.3
0.3
0.3
IO=0.5A (VO=5V)
IO=0.5A
IO=0.5A
IO=0.5A
0.6
0.6
0.6
0.6
IO=1A (VO=5V)
IO=1A
IO=1A
IO=1A
600
600
600
600
VIN=7V, IO=0A, VC=2V
VIN=7V, IO=0A,
VIN=11V, IO=0A,
VIN=14V, IO=0A,
R2=10k
VC=2V
VC=2V
VC=2V
11
1
1
VIN=7V, VC=0V
VIN=7V, VC=0V
VIN=11V, VC=0V
VIN=14V, VC=0V
±0.5
±0.5
±1.0
±1.5
Tj =0 to 100
°C (VO=5V)
Tj=0 to 100
°CTj=0 to 100°CTj=0 to 100°C
75
75
68
66
VIN=7V,
VIN=7V,
VIN=11V,
VIN=14V,
f=100 to 120Hz (VO=5V)
f=100 to 120Hz
f=100 to 120Hz
f=100 to 120Hz
1.1
1.1
1.1
1.1
VIN=7V
VIN=7V
VIN=11V
VIN=14V
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
40
40
40
40
VC=2V
VC=2V
VC=2V
VC=2V
–5
0
–5
0
–5
0
–5
0
VC=0V
VC=0V
VC=0V
VC=0V
33
26
30
33
IO=10mA
IO=10mA
IO=10mA
IO=10mA
Symbol
VIN
VO (VADJ)
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
VOVP
Conditions
6.60±
0.20
5.34±
0.20
0.50±
0.10
2.30±
0.20
0.50±
0.10
(1.00)
MAX 0.70
12345
1.27 TYP
1.27 TYP
SEATING PLANE
0.00 to 0.127
0 to
6.60±
0.20
5.34±
0.20
(5.04)
(1.50)
0.50±
0.10
2.30±
0.20
0.1


Similar Part No. - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com