Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050JD Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8050JD
Description  Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050JD Datasheet(HTML) 2 Page - Sanken electric

  SI-8050JD Datasheet HTML 1Page - Sanken electric SI-8050JD Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
ICs
SI-8000JD Series
■External Dimensions (TO263-5)
(Unit : mm)
Pin Assignment
q VIN
w SWOUT
e GND
r VOS
t ON/OFF
Plastic Mold Package Type
Flammability: 94V-0
Product Mass: Approx. 1.48g
9.90
±0.2
Case Temperature Measurement Point
(15
°)
(0.5)
2-R0.3
10.0
±0.02
3-R0.3
(2
×R0.45)
(R0.3)
(R0.3)
0.88
±0.10
1.5 Dp:
±0.2
φ
(1.7
±0.25
)
12345
(1.7
±0.25
)
(1.7
±0.25
)
(1.7
±0.25
)
0.8
±0.1
0.8
±0.1
4.5
±0.2
1.3
0.10
±0.15
2.4
±0.2
+0.10
–0.05
10.0
±0.2
(4.4)
(8.0)
(3
°)
(3
°)
(3
°)
(3
°)
(3
°)
0~6
°
■Block Diagram
■Typical Connection Diagram
4
3
GND
2
VIN
ON/OFF
SW OUT
1
5
PReg.
OCP
Reset
OSC
+
Comp.
Error Amp.
Latch &
Drive
TSD
ON/OFF
Soft
Start
VREF
+
VIN
C1
C3
Di
L1
C2
VIN
GND
ON/OFF
GND
SI-8000JD
SW
VS
12
4
3
5
+
+
VOUT
GND
C1: 50V/220
µF
C2: 25V/470
µF
C3: 10V/0.47
µF (Only when using soft-start function)
L1: 100
µH
Di : SJPB-H6 (Sanken)
■Reference Data
Copper Laminate Area on Glass Epoxy Board vs.
Thermal Resistance (Junction to Ambient Air) (Typical Value)
Output Current vs. Power Dissipation (Typical)
55
50
45
40
35
30
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
200
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
400
600
800
1000
Copper Laminate Area (mm2)
Output Current IO (A)
VIN 8V
20V
30V
40V
1200
1400
1600
1800
With glass epoxy board of 40
× 40 mm
■Ta-PD Characteristics
The efficiency depends on the input voltage and the output current. Therefore, obtain the value
from the efficiency graph and substitute the percentage in the formula above.
VO : Output Voltage
VIN : Input Voltage
IO : Output Current
ηχ : Efficiency (%)
VF :D1 forward voltage
0.4V(IO=2A)(SJPB-H6)
Thermal design for D1 must be considered separately.
3.5
3
2.5
2
1.5
1
0.5
0
–25
0
25
50
75
100
125
Ambient Temperature Ta (
°C)
Copper Area
40
×40 mm
( j-a : 33.3
°C/W)
20
×40 mm
( j-a : 37
°C/W)
20
×20 mm
( j-a :44
°C/W)
10
×10 mm
( j-a : 53
°C/W)
θ
θ
θ
θ
PD=VO·IO
100
–1 –VF·IO 1–
VO
ηχ
VIN


Similar Part No. - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8050JD SANKEN-SI-8050JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
logo
Allegro MicroSystems
SI-8050JD-TL ALLEGRO-SI-8050JD-TL Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results

Similar Description - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD_10 Datasheet
47Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com