Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8511NVS Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8511NVS
Description  Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8511NVS Datasheet(HTML) 1 Page - Sanken electric

  SI-8511NVS Datasheet HTML 1Page - Sanken electric SI-8511NVS Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64
ICs
1-1-3 DC/DC Converter ICs
SI-8511NVS
Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
■Features
• Surface-mount package (TSSOP24)
• High efficiency due to synchronous rectifica-
tion: 92% (at VIN = 5V, IO = 1A, VO = 2.5V)
• Capable of downsize a choke-coil due to IC's
high switching frequency (400kHz typ, On
Time Control). (Compared with conventional
Sanken devices)
• Low reference voltage (Vref) of 1.1V. The
output voltage is variable from 1.1V to 6V.
• High-speed response to a load
• Compatible with low ESR capacitors
• Soft start and output ON/OFF available
• Built-in overcurrent and output-overvoltage
protection circuits
• PWRGD function to indicate the output voltage
status
• High precision reference voltage: 1.1V ± 1.2%
■Absolute Maximum Ratings
Unit
V
V
V
V
V
°C
°C
Ratings
7
25
30
VCC
7
+150
–40 to +150
Symbol
VCC
VIN
VH
VEN
VPWRGD
Tj
Tstg
Parameter
Control-System DC Input Voltage
DC Input Voltage
Boost Block Input Voltage
EN Terminal Input Voltage
PWRGD Terminal Applied Voltage
Junction Temperature
Storage Temperature
(Ta=25°C)
■Recommended Operating Conditions
Parameter
Control System Input Voltage Range
Input Voltage Range
Output Voltage Range
Operating Temperature Range
Symbol
VCC
VIN
VO
Top
Unit
V
V
V
°C
Ratings
4.5 to 5.5
3 to 18
1.1 to 6
–20 to +85
■Electrical Characteristics
(Ta=25°C unless otherwise specified)
Unit
V
mV/°C
mA
mA
µA
µA
V
V
µS
µS
V
µA
V
µA
µA
V
V
µA
V
V
V
µA
µA
Symbol
VO
∆VO/∆T
Iop
Iop
Istd1
Istd2
Vuvlo1
Vuvlo2
Ton
Toff
Vref
Iref
RonHH
RonHL
RonLH
RonLL
VH-VLIN
Ilim
Iss
Vcelo
Vcehi
ICE
Vsens
Vsens
Vpwrgd
Ipwrgd
Ipwrgd
Ratings
min.
typ.
max.
–1.2%
1.1
+1.2%
±0.03
6
1
100
50
3.7
4.45
2.5
2.9
1.27
0.7
1.1
1.2
1.3
100
5.5
5.5
5.5
5.5
4.5
5
5.5
90
100
110
±20
0
0.8
2.4
VCC
5
1.32
0.88
0.4
120
5
Conditions
VIN=5V, VCC=5V, VSNS connected to VO, IO=0A
VIN=5V, VCC=5V, VSNS connected to VO, IO=0A, Ta=0 to 85°C
VCC=5V, EN=H, FADJ:open
VIN=5V, EN=H
VCC=5V, EN=L
VIN=5V, EN=L
VIN=5V
VCC=5V
VCC=5V, VIN=5V, VO=2.5V
VCC=5V
VCC=5V
VCC=5V
VH-VLIN=5V
VH-VLIN=5V
VCC=5V
VCC=5V
VCC=5V, VIN=5V
VCC=5V
VCC=5V
VCC=5V
VCC=5V, EN=5V
VCC=5V
VCC=5V
VCC=5V, Ipwrgd=120µA
VCC=5V, Vpwrgd=0.4V
Vpwrgd=5V
■Applications
• Power supplies for notebook PCs and mobile devices
• Onboard local power supplies
•OA equipment
• For stabilization of the secondary-side output voltage of switching power supplies
Dynamic
Characteristics
Circuit
Current
Undervoltage
Lockout
On Time
Control
High Side
Drive
Low Side
Drive
Bootstrap
Protection
System
Parameter
Output Voltage
Temperature Coefficient of Output Voltage
Circuit Current (VCC Terminal)
Circuit Current (VIN Terminal)
Standby Current 1 (VCC Terminal)
Standby Current 2 (VIN Terminal)
UVLO Operating Voltage 1 (VCC Terminal)
UVLO Operating Voltage 2 (VIN Terminal)
On Time
Minimum Off Time
REF Terminal Voltage
REF Terminal Source Current
On Resistance (high side)
On Resistance (low side)
On Resistance (high side)
On Resistance (low side)
Bootstrap Voltage
Current for Current Limit Detection
Soft Start Terminal Current
EN Low Level Voltage
EN High Level Voltage
EN Bias Level Current
PWRGD Good Voltage (high side)
PWRGD Good Voltage (low side)
PWRGD Low Output Voltage
PWRGD Terminal Current
PWRGD Leakage Current


Similar Part No. - SI-8511NVS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8511NVS SANKEN-SI-8511NVS Datasheet
62Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
SI-8511NVS SANKEN-SI-8511NVS_11 Datasheet
80Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
More results

Similar Description - SI-8511NVS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8405NH ALLEGRO-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
logo
Sanken electric
SI-8405NL SANKEN-SI-8405NL Datasheet
433Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8405NH SANKEN-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8011NVS SANKEN-SI-8011NVS Datasheet
439Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8511NVS SANKEN-SI-8511NVS Datasheet
62Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
SI-8205NHD SANKEN-SI-8205NHD_11 Datasheet
81Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8511NVS SANKEN-SI-8511NVS_11 Datasheet
80Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Control ICs
logo
List of Unclassifed Man...
NR887D ETC-NR887D Datasheet
56Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs Current Mode Control, Synchronous Rectifier Step-down Switching Mode
logo
Sanken electric
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com