Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5026AL5 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5026AL5
Description  Crystal Oscillator Module ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5026AL5 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5026AL5 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5026AL5 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5026 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
TSTG
−65 to +150
°C
Output current
IOUT
20
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
5026AL
×
CL
≤ 30pF
2.25
3.6
V
5026BL1
CL
≤ 30pF
2.25
3.6
V
5026MLA
f
≤ 80MHz, CL ≤ 30pF
2.25
3.6
V
5026MLB
f
≤ 100MHz, CL ≤ 30pF
2.25
3.6
V
5026MLC
f
≤ 100MHz, CL ≤ 30pF
2.25
3.6
V
f
≤ 133MHz, CL ≤ 15pF
2.25
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−40
+85
°C
Operating frequency*1
*1. The operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillator frequency
band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation char-
acteristics of components must be carefully evaluated.
fO
5026AL
×
20–50
MHz
5026BL1*2
*2. When 2.5V operation, the ratings of switching characteristics are difference by the frequency or output load. Refer to “Switching Characteristics”.
20
100
MHz
5026MLA
70
80
MHz
5026MLB*2
80
100
MHz
5026MLC*2
90
133
MHz


Similar Part No. - CF5026AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA NPC-CF5020ALA Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA-2 NPC-CF5020ALA-2 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB NPC-CF5020ALB Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB-2 NPC-CF5020ALB-2 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
More results

Similar Description - CF5026AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com