Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5075A3-4 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # CF5075A3-4
Description  VCXO Module IC with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075A3-4 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button CF5075A3-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5075A3-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —11
Drive Level
Measurement circuit
Negative Resistance
Measurement circuit
Note. "C0" value is set, concerning the actual crystal characteristics connected between XT and XTN. The data is measured with Agilent 4396B using
NPC’s original measurement jig. The values may vary with measurement jig and conditions.
VDD = 2.5V, 3.3V, fOUT = 27MHz, Ta = R.T.
0
5
10
15
20
25
30
0.0 0.3 0.6 0.9 1.2
1.5 1.8 2.1 2.4 2.7 3.0 3.3
VC [V]
VDD = 2.5V
VDD = 3.3V
DL = (IX’tal)
2 × Re
DL: drive level
IX’tal: current flowing to crystal (RMS value)
Re: crystal effective resistance
VDD
VSS
XT
Q
Crystal
XTN
VC
0.1
µF
CLOUT = 15pF
Tektronix CT-6
Current Probe
IX'tal
VDD = 2.5V, C0 = 2pF, Ta = R.T.
Frequency [MHz]
15
20
25
30
35
40
45
VC = 1.25V
VC = 2.5V
VC = 0V
−200
−400
−600
−800
0
VDD = 3.3V, C0 = 2pF, Ta = R.T.
Frequency [MHz]
15
20
25
30
35
40
45
−200
−400
−600
−800
0
VC = 1.65V
VC = 3.3V
VC = 0V
VDD
VSS
XT
Q
XTN
VC
0.1
µF
C0 = 2pF
Network Analyzer
(Agilent 4396B)
S-Parameter Test Set
(Agilent 85046A)


Similar Part No. - CF5075A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5075A3-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com