Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5076AL-4 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5076AL-4
Description  VCXO Module IC with Built-in Varicap
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5076AL-4 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5076AL-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5076AL-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5076 series
SEIKO NPC CORPORATION —5
ELECTRICAL CHARACTERISTICS
5076
×1 to 5076×5
VDD = 1.6 to 2.0V, VC = 0.5VDD, VSS = 0V, Ta = –40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Current consumption
IDD
5076
×1 (fO), Measurement circuit 1, no load,
fO = 27MHz, fOUT = 27MHz, VDD = 1.8V
0.5
1.0
mA
5076
×2 (fO/2), Measurement circuit 1, no load,
fO = 27MHz, fOUT = 13.5MHz, VDD = 1.8V
0.4
0.8
mA
5076
×3 (fO/4), Measurement circuit 1, no load,
fO = 27MHz, fOUT = 6.75MHz, VDD = 1.8V
0.3
0.6
mA
5076
×4 (fO/8), Measurement circuit 1, no load,
fO = 27MHz, fOUT = 3.38MHz, VDD = 1.8V
0.3
0.6
mA
5076
×5 (fO/16), Measurement circuit 1, no load,
fO = 27MHz, fOUT = 1.69MHz, VDD = 1.8V
0.3
0.6
mA
HIGH-level output voltage
VOH
Q pin, Measurement circuit 2, IOH = –2.0mA
VDD – 0.4
V
LOW-level output voltage
VOL
Q pin, Measurement circuit 2, IOL = 2.0mA
0.4
V
Oscillator block built-in
resistance
RVC1
Measurement circuit 3
210
420
840
k
RVC2
210
420
840
k
Oscillator block built-in
capacitance
CVC1
Design value (a monitor pattern on a
wafer is tested), Excluding parasitic
capacitance.
VC = 0.2V
4.7
pF
VC = 0.9V
2.9
pF
VC = 1.6V
1.7
pF
CVC2
VC = 0.2V
4.7
pF
VC = 0.9V
2.9
pF
VC = 1.6V
1.7
pF
VC input resistance
RVIN
Measurement circuit 4, Ta = 25
°C10
M
VC input impedance
ZVIN
Measurement circuit 5, VC = 0V, f = 10kHz, Ta = 25°C
(a monitor pattern on a wafer is tested)
530
k
VC input capacitance
CVIN
Measurement circuit 5, VC = 0V, f = 10kHz, Ta = 25°C
(a monitor pattern on a wafer is tested)
–31–
pF
Modulation
characteristics*1
*1. The modulation characteristics may vary with the crystal used.
fm
Measurement circuit 6, –3dB frequency, VDD = 1.8V,
VC = 1.8Vp-p, Ta = 25°C, fO = 27MHz
100
kHz


Similar Part No. - CF5076AL-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5072BA-1 NPC-CF5072BA-1 Datasheet
100Kb / 8P
   155MHz VCXO Module IC
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5073XX-1 NPC-CF5073XX-1 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
More results

Similar Description - CF5076AL-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
CF5008A1 NPC-CF5008A1 Datasheet
98Kb / 10P
   VCXO Module IC
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com