Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1035 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBR1035
Description  SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1035 Datasheet(HTML) 3 Page - Motorola, Inc

  MBR1035 Datasheet HTML 1Page - Motorola, Inc MBR1035 Datasheet HTML 2Page - Motorola, Inc MBR1035 Datasheet HTML 3Page - Motorola, Inc MBR1035 Datasheet HTML 4Page - Motorola, Inc MBR1035 Datasheet HTML 5Page - Motorola, Inc MBR1035 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR1035 MBR1045
3
Rectifier Device Data
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
110
TC, CASE TEMPERATURE (°C)
15
10
5.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
16
8.0
4.0
2.0
0
40
120
130
140
20
20
160
6.0
150
160
Figure 5. Current Derating, Infinite Heatsink
Figure 6. Current Derating, R
qJA = 16°C/W
60
120
100
140
2.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
8.0
5.0
4.0
2.0
0
TA, AMBIENT TEMPERATURE (°C)
80
0
5.0
4.0
2.0
1.0
0
40
4.0
6.0
10
8.0
10
20
160
3.0
12
16
14
Figure 7. Forward Power Dissipation
Figure 8. Current Derating, Free Air
60
120
100
140
14
10
12
3.0
1.0
9.0
7.0
6.0
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)] where:
∆TJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp.
1000
Figure 9. Thermal Response
dc
TJ = 150°C
SINE WAVE
RESISTIVE LOAD
SQUARE
WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 5
20
10
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
20
10
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
dc
SQUARE
WAVE
I
PK
I
AV
+ p (RESISTIVE LOAD)
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20, 10, 5
RATED VOLTAGE APPLIED
RqJA = 60°C/W
0.07
0.7


Similar Part No. - MBR1035

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR1035 KERSEMI-MBR1035 Datasheet
498Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Fairchild Semiconductor
MBR1035 FAIRCHILD-MBR1035 Datasheet
46Kb / 3P
   10 Ampere Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR1035 HORNBY-MBR1035 Datasheet
292Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR1035 SIRECTIFIER-MBR1035 Datasheet
81Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR1035 LUGUANG-MBR1035 Datasheet
238Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR1035

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
logo
Motorola, Inc
MBRP20045CT MOTOROLA-MBRP20045CT Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 200 AMPERES 45 to 60 VOLTS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
Kersemi Electronic Co.,...
MBR10100G KERSEMI-MBR10100G Datasheet
415Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS 10 AMPERES, 60 to 100 VOLTS
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com