Electronic Components Datasheet Search |
|
CPC1025NTR Datasheet(PDF) 1 Page - Clare, Inc. |
|
CPC1025NTR Datasheet(HTML) 1 Page - Clare, Inc. |
1 / 5 page CPC1025N 4-Pin SOP OptoMOS® Relay www.clare.com DS-CPC1025N-R05 1 RoHS 2002/95/EC e3 Pb Part # Description CPC1025N 4-Pin SOP (100/tube) CPC1025NTR 4-Pin SOP (2000/reel) Parameter Rating Units Blocking Voltage 400 V P Load Current 120 mA Max On-resistance 30 Ω Applications Features Description Ordering Information Pin Configuration • Telecommunications • Telecom Switching • Tip/Ring Circuits • Modem Switching (Laptop, Notebook, Pocket Size) • Hook Switch • Dial Pulsing • Ground Start • Ringing Injection • Instrumentation • Multiplexers • Data Acquisition • Electronic Switching • I/O Subsystems • Meters (Watt-Hour, Water, Gas) • Medical Equipment—Patient/Equipment Isolation • Security • Aerospace • Industrial Controls • Small 4-Pin SOP Package • Low Drive Power Requirements (TTL/CMOS Compatible) • No Moving Parts • High Reliability • Arc-Free With No Snubbing Circuits • 1500V rms Input/Output Isolation • No EMI/RFI Generation • Machine Insertable, Wave Solderable • Tape & Reel Version Available The CPC1025N is a miniature 1-Form-A solid state relay in a 4-Pin SOP package that employs optically coupled MOSFET technology to provide 1500V rms of input/output isolation. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS architecture. The optically coupled output is controlled by a highly efficient GaAIAs infrared LED. The CPC1025N uses Clare’s state of the art double-molded vertical construction packaging to produce one of the world’s smallest relays. The CPC1025N offers board space savings of at least 20% over the competitor’s larger 4-Pin SOP relay. Approvals • UL Recognized Component: File # E76270 • EN/IEC 60950-1 Compliant • CSA Certified Component: Certificate # 1172007 Switching Characteristics of Normally Open (Form A) Devices Control I LOAD 10% 90% t ON + + t OFF 1 2 3 4 + Control – Control Load Load |
Similar Part No. - CPC1025NTR |
|
Similar Description - CPC1025NTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |