Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1465M Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC1465M
Description  SHDSL/ISDN DC Termination IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465M Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC1465M Datasheet HTML 6Page - Clare, Inc. CPC1465M Datasheet HTML 7Page - Clare, Inc. CPC1465M Datasheet HTML 8Page - Clare, Inc. CPC1465M Datasheet HTML 9Page - Clare, Inc. CPC1465M Datasheet HTML 10Page - Clare, Inc. CPC1465M Datasheet HTML 11Page - Clare, Inc. CPC1465M Datasheet HTML 12Page - Clare, Inc. CPC1465M Datasheet HTML 13Page - Clare, Inc. CPC1465M Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CPC1465
10
www.clare.com
R02
2. Functional Description
2.1 Introduction
The CPC1465 can be used for a number of designs
requiring a dc hold circuit such as SHDSL modem and
ISDN NT1 terminal applications. Typical SHDSL
applications will use a circuit design similar to the one
shown in Figure 10‚ “Typical ISDN NT1 Application
Diagram” on page 9 while the typical ISDN NT1 circuit
design will be similar to the one shown in Figure 10‚
“Typical ISDN NT1 Application Diagram” on page 9.
The DC Termination IC performs two functions in an
ISDN NT1 terminal; as an electronic inductor providing
a low impedance dc termination with a high
impedance ac termination, and second as part of the
dc signalling system for automated line testing
capability. The CPC1465 meets or exceeds the
requirements for an NT1 dc termination as described
in ANSI T1.601-1991.
Whereas the SHDSL modem application does not
have a signalling requirement, the signaling function
provides an excellent method to monitor for the loss of
sealing current. Generally, loss of sealing current in an
SHDSL application indicates loop loss.
As can be seen in the application circuit in Figure 1 on
page 1, CPC1465 designs require few external
components. For the most basic design, all that is
needed is a circuit protector, two resistors and a
capacitor.
2.2 Surge Protection
Although the CPC1465 is current limited, it is not an
over-voltage surge protector. To protect the CPC1465
against destructive over-voltage transients, Clare
recommends the use of a crowbar-type surge
protector that limits the surge voltage seen by the
CPC1465 to 250 V. The protection device must be
able to withstand the surge requirements specified by
the appropriate governing agency in regions where
the product will be deployed. Teccor, Inc. and Bourns,
Inc. make suitable surge protectors for most
applications. Devices such as Teccor’s P1800SC or
P2000SC Sidactors and Bourns’ TISP4220H3 or
TISP4240H3 thyristors should provide suitable
protection.
2.3 Bridge Rectifier
The bridge rectifier in the CPC1465 ensures that the
device is polarity insensitive and provides consistent
operational characteristics if the tip and ring leads are
reversed.
2.4 State Transitions
The dc tip to ring voltage-current characteristics of the
CPC1465 are shown in Figure 2‚ “I-V Requirements
Template, 0 V to 50 V”, and in Figure 3‚ “I-V
Requirements Template, 0 V to 250 V” on page 5.
Transition timings are illustrated in Figure 7‚ “Applied
Waveform for Activation Test”, and in Figure 8‚
“Applied Waveform for Deactivation Test”. The test
configuration for these timings is given in Figure 6‚
“Test Circuit for Activate and Deactivate Times”. All
timing figures are located on page 7.
State transition timings are set by the 1
μF capacitor
connected between the TC and COM pins.
2.4.1 Activation - On-State
Application of battery voltage to the loop causes the
CPC1465 to conduct whenever the voltage exceeds
approximately 35 V. With application of sufficient
voltage applied across the tip and ring terminals, the
CPC1465 will initially conduct a nominal 150
μA of
sealing current for approximately 20 ms prior to
activation. Once activated, the CPC1465 will remain in
the on state for as long as the loop current exceeds a
nominal 0.5 mA.
The CPC1465 turn-on timing circuit assures device
activation will occur within 50 ms of an applied voltage
greater than 43.5 V but not within the first 3 ms.
2.4.2 Deactivation - Off-State
While the CPC1465 activation protocol is based on an
initial minimum voltage level, deactivation is based on
a diminished sealing current level. Deactivation occurs
when the nominal sealing current level drops below
0.5 mA with guaranteed deactivation occurring for
sealing current levels less than 0.1 mA
The turn-off timing circuit deactivates the sealing
current hold circuit when 1 mA of sealing current has
been removed for 100 ms but ignores periods of loss
up to 3 ms.


Similar Part No. - CPC1465M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1465M IXYS-CPC1465M Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
CPC1465MTR IXYS-CPC1465MTR Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
More results

Similar Description - CPC1465M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
Agere Systems
LH1465AB AGERE-LH1465AB Datasheet
375Kb / 14P
   LH1465AB/AAE ISDN dc Termination IC Data Sheet Advisory
logo
Clare, Inc.
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
   Broadband ADSL/VDSL DC Termination IC
logo
IXYS Corporation
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
logo
Bel Fuse Inc.
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
   SHDSL MAGNETICS
S560-6600-JG BEL-S560-6600-JG Datasheet
80Kb / 2P
   SHDSL MAGNETICS
logo
SCHOTT CORPORATION
38136 SCHOTT-38136 Datasheet
17Kb / 1P
   TRANSFORMER, SHDSL
logo
Bel Fuse Inc.
S560-6600-KZ BEL-S560-6600-KZ Datasheet
83Kb / 2P
   SHDSL MAGNETICS
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
   ISDN DC-DC CONVERTER
20 January 1997
logo
Agere Systems
T9000 AGERE-T9000 Datasheet
2Mb / 126P
   ISDN Network Termination Node (NTN) Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com