Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1466DTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1466DTR
Description  Broadband ADSL/VDSL DC Termination IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466DTR Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1466DTR Datasheet HTML 1Page - Clare, Inc. CPC1466DTR Datasheet HTML 2Page - Clare, Inc. CPC1466DTR Datasheet HTML 3Page - Clare, Inc. CPC1466DTR Datasheet HTML 4Page - Clare, Inc. CPC1466DTR Datasheet HTML 5Page - Clare, Inc. CPC1466DTR Datasheet HTML 6Page - Clare, Inc. CPC1466DTR Datasheet HTML 7Page - Clare, Inc. CPC1466DTR Datasheet HTML 8Page - Clare, Inc. CPC1466DTR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R00B
www.clare.com
5
Figure 2. I-V Requirements Template, 0 V to 50 V
Figure 3. I-V Requirements Template, 0 V to 250 V
1A
100 mA
10 mA
1 mA
100 A
10 A
1A
0
µ
µ
µ
Absolute Voltage (V)
010
20
30
40
50
Transition
Region
Transition
Region
On State
Off State
I
MAX1
I
MIN1
V
ON
I
HR
I
BO
I
LKG
V
AN
1A
100 mA
10 mA
1 mA
100 A
10 A
1A
0
µ
µ
µ
Absolute Voltage (V)
0
50
100
150
200
250
I
MAX1
I
MIN2
I
MIN1
I
MAX2
70 V, 70 mA
54 V, 9 mA
100 V, 0 mA


Similar Part No. - CPC1466DTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1466DTR IXYS-CPC1466DTR Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
More results

Similar Description - CPC1466DTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
logo
Clare, Inc.
CPC1465 CLARE-CPC1465 Datasheet
481Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
XFMRS Inc.
XF1406-TH XFMRS-XF1406-TH Datasheet
58Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
XF0506-CMC11 XFMRS-XF0506-CMC11 Datasheet
41Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Pulse A Technitrol Comp...
B912 PULSE-B912 Datasheet
690Kb / 2P
   Common Mode Chokes For ADSL and VDSL
logo
XFMRS Inc.
XF0406-CMC10 XFMRS-XF0406-CMC10 Datasheet
39Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
XF0506-CMC11 XFMRS-XF0506-CMC11_10 Datasheet
106Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Bothhand USA, LP.
BCM-4003 BOTHHAND-BCM-4003 Datasheet
139Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Pulse A Technitrol Comp...
B4003NLT PULSE-B4003NLT Datasheet
690Kb / 2P
   Common Mode Chokes For ADSL and VDSL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com