Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM28V100 Datasheet(PDF) 5 Page - Ramtron International Corporation

Part # FM28V100
Description  1Mbit Bytewide F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V100 Datasheet(HTML) 5 Page - Ramtron International Corporation

  FM28V100 Datasheet HTML 1Page - Ramtron International Corporation FM28V100 Datasheet HTML 2Page - Ramtron International Corporation FM28V100 Datasheet HTML 3Page - Ramtron International Corporation FM28V100 Datasheet HTML 4Page - Ramtron International Corporation FM28V100 Datasheet HTML 5Page - Ramtron International Corporation FM28V100 Datasheet HTML 6Page - Ramtron International Corporation FM28V100 Datasheet HTML 7Page - Ramtron International Corporation FM28V100 Datasheet HTML 8Page - Ramtron International Corporation FM28V100 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM28V100 - 128Kx8 FRAM
Rev. 1.1
Mar. 2009
Page 5 of 13
Precharge Operation
The precharge operation is an internal condition in
which the state of the memory is prepared for a new
access. Precharge is user-initiated by driving at least
one of the chip enable signals to an inactive state. The
chip enable must remain inactive for at least the
minimum precharge time tPC.
Endurance
The FM28V100 is capable of being accessed at least
10
14 times – reads or writes. An F-RAM memory
operates
with
a
read
and
restore
mechanism.
Therefore, an endurance cycle is applied on a row
basis. The F-RAM architecture is based on an array
of rows and columns. Rows are defined by A16-A3
and column addresses by A2-A0. The array is
organized as 16K rows of 8-bytes each. The entire
row is internally accessed once whether a single byte
or all eight bytes are read or written. Each byte in the
row is counted only once in an endurance calculation.
The user may choose to write CPU instructions and
run them from a certain address space. The table
below shows endurance calculations for 256-byte
repeating loop, which includes a starting address, 7
page mode accesses, and a CE precharge. The
number of bus clocks needed to complete an 8-byte
transaction is 8+1 at lower bus speeds, but 9+2 at
33MHz due to initial read latency and an extra clock
to satisfy the device’s precharge timing constraint tPC.
The entire loop causes each byte to experience only
one endurance cycle.
F-RAM read and write
endurance is virtually unlimited even at 33MHz
system bus clock rate.
Table 1. Time to Reach 100 Trillion Cycles for Repeating 256-byte Loop
Bus Freq
(MHz)
Bus Cycle
Time (ns)
256-byte
Transaction
Time (
µµµµs)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to
Reach 10
14
Cycles
33
30
10.56
94,690
2.98 x 10
12
33.5
25
40
12.8
78,125
2.46 x 10
12
40.6
10
100
28.8
34,720
1.09 x 10
12
91.7
5
200
57.6
17,360
5.47 x 10
11
182.8


Similar Part No. - FM28V100

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100-TG RAMTRON-FM28V100-TG Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100-TG CYPRESS-FM28V100-TG Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100-TG CYPRESS-FM28V100-TG Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
More results

Similar Description - FM28V100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com