Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM32L278 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM32L278
Description  3V Integrated Processor Companion with Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32L278 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM32L278 Datasheet HTML 1Page - Ramtron International Corporation FM32L278 Datasheet HTML 2Page - Ramtron International Corporation FM32L278 Datasheet HTML 3Page - Ramtron International Corporation FM32L278 Datasheet HTML 4Page - Ramtron International Corporation FM32L278 Datasheet HTML 5Page - Ramtron International Corporation FM32L278 Datasheet HTML 6Page - Ramtron International Corporation FM32L278 Datasheet HTML 7Page - Ramtron International Corporation FM32L278 Datasheet HTML 8Page - Ramtron International Corporation FM32L278 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
Feb. 2009
Page 1 of 21
FM32L278/L276/L274/L272
3V Integrated Processor Companion with Memory
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Low Voltage Reset
Watchdog Timer
Early Power-Fail Warning/NMI
Two 16-bit Event Counters
Serial Number with Write-lock for Security
Processor Companion
Active-low Reset Output for VDD and Watchdog
Programmable VDD Reset Trip Point
Manual Reset Filtered and Debounced
Programmable Watchdog Timer
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
Comparator for Early Power-Fail Interrupt
64-bit Programmable Serial Number with Lock
Ferroelectric Nonvolatile RAM
4Kb, 16Kb, 64Kb, and 256Kb versions
Unlimited Read/Write Endurance
45 year Data Retention
NoDelay™ Writes
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
Device Select Pins for up to 4 Memory Devices
Companion Controlled via 2-wire Interface
Easy to Use Configurations
Operates from 2.7 to 3.6V
14-pin “Green”/RoHS SOIC package (-G)
Pin Compatible with FM31L27x Series
Low Operating Current
-40
°C to +85°C Operation
Underwriters Laboratory (UL) Recognized
Description
The FM32L27x is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory available in various sizes, low-
VDD reset, watchdog timer, nonvolatile event
counter, lockable 64-bit serial number area, and
general purpose comparator that can be used for an
early power-fail (NMI) interrupt or other purpose.
The family operates from 2.7 to 3.6V.
The FM32L27x family is software and pinout
compatible with the FM31L27x family which also
includes a real-time clock. The common features
allow a system design that easily can be assembled
with or without timekeeping by simply selecting the
FM31L27x or FM32L27x, respectively.
Each
FM32L27x
provides
nonvolatile
RAM
available in sizes including 4Kb, 16Kb, 64Kb, and
256Kb versions. Fast write speed and unlimited
endurance allow the memory to serve as extra RAM
or conventional nonvolatile storage. This memory is
truly nonvolatile rather than battery backed.
The processor companion includes commonly needed
CPU support functions. Supervisory functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The family also includes
a programmable 64-bit serial number that can be
locked making it unalterable.
Additionally the FM32L27x offers a dual event
counter that tracks the number of rising or falling
edges detected on dedicated input pins. The counter
can optionally be battery backed and even battery
operated by attaching a backup power source to the
VBAK pin. If VBAK is connected to a battery or
capacitor, then events will be counted even in the
absence of VDD.


Similar Part No. - FM32L278

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM320 FORMOSA-FM320 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM320 WINNERJOIN-FM320 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM320-A FORMOSA-FM320-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM320-A FORMOSA-FM320-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM32L278

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com