Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3135-G Datasheet(PDF) 4 Page - Ramtron International Corporation

Part # FM3135-G
Description  Integrated RTC/Alarm/F-RAM & Embedded Crystal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3135-G Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM3135-G Datasheet HTML 1Page - Ramtron International Corporation FM3135-G Datasheet HTML 2Page - Ramtron International Corporation FM3135-G Datasheet HTML 3Page - Ramtron International Corporation FM3135-G Datasheet HTML 4Page - Ramtron International Corporation FM3135-G Datasheet HTML 5Page - Ramtron International Corporation FM3135-G Datasheet HTML 6Page - Ramtron International Corporation FM3135-G Datasheet HTML 7Page - Ramtron International Corporation FM3135-G Datasheet HTML 8Page - Ramtron International Corporation FM3135-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
FM3135 Integrated RTC/Alarm/FRAM & Embedded Crystal
Rev. 1.2
Feb. 2009
Page 4 of 21
VBC bit (register 0Eh, bit 2) is set to a ‘1’, the VBAK
pin will source approximately 80 µA until VBAK
reaches VDD. This charges the capacitor to VDD
without an external diode and resistor charger.
There is a Fast Charge mode which is enabled by the
FC bit (register 0Eh, bit 1). In this mode the trickle
charger current is set to approximately 1 mA,
allowing a large backup capacitor to charge more
quickly.
• In the case where no battery is used, the VBAK
pin should be tied to VSS.
!
!
!
! Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 K
series
resistor as a safety element. The trickle charger is UL
Recognized.
Figure 2. Real-Time Clock Core Block Diagram
Calibration
When the CAL bit in register 00h is set to ‘1’, the
clock enters calibration mode. In calibration mode,
the ACS output pin is dedicated to the calibration
function and the power fail output is temporarily
unavailable. Calibration operates by applying a
digital correction to the counter based on the
frequency error. In this mode, the ACS pin is driven
with a 512 Hz (nominal) square wave. Any measured
deviation from 512 Hz translates into a timekeeping
error. The user converts the measured error in ppm
and writes the appropriate correction value to the
calibration register. The correction factors are listed
in the table below. Positive ppm errors require a
negative adjustment that removes pulses. Negative
ppm errors require a positive correction that adds
pulses. Positive ppm adjustments have the CALS
(sign) bit set to ‘1’, whereas negative ppm
adjustments have CALS = 0. After calibration, the
clock will have a maximum error of
± 2.17 ppm or
± 0.09 minutes per month at the calibrated
temperature.
The calibration setting is battery-backed and must be
reloaded should the backup source fail. It is accessed
with bits CAL.4-0 in register 01h. This value only
can be written when the CAL bit is set to a ‘1’. To
exit the calibration mode, the user must clear the
CAL bit to a ‘0’. When the CAL bit is ‘0’, the ACS
pin will revert to another function as defined in
Table 3. Control Bit Settings for ACS Pin.
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz or
SW out
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
Days
3 bits
User Interface Registers
1 Hz
/OSCEN
CF


Similar Part No. - FM3135-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130 RAMTRON-FM3130 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DGTR RAMTRON-FM3130-DGTR Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
More results

Similar Description - FM3135-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
logo
NXP Semiconductors
PCF2128 PHILIPS-PCF2128 Datasheet
322Kb / 10P
   Integrated RTC / TCXO / Crystal
Rev. 00.03-4 June 2007
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
   Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com