Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3135-G Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM3135-G
Description  Integrated RTC/Alarm/F-RAM & Embedded Crystal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3135-G Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM3135-G Datasheet HTML 7Page - Ramtron International Corporation FM3135-G Datasheet HTML 8Page - Ramtron International Corporation FM3135-G Datasheet HTML 9Page - Ramtron International Corporation FM3135-G Datasheet HTML 10Page - Ramtron International Corporation FM3135-G Datasheet HTML 11Page - Ramtron International Corporation FM3135-G Datasheet HTML 12Page - Ramtron International Corporation FM3135-G Datasheet HTML 13Page - Ramtron International Corporation FM3135-G Datasheet HTML 14Page - Ramtron International Corporation FM3135-G Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FM3135 Integrated RTC/Alarm/FRAM & Embedded Crystal
Rev. 1.2
Feb. 2009
Page 11 of 21
CALS
Calibration Sign: Determines if the calibration adjustment is applied as an addition to or as a subtraction from
the time-base. This bit can be written only when CAL=1. Battery-backed, read/write.
CAL.4-0
Calibration Code: These five bits control the calibration of the clock. These bits can be written only when
CAL=1. Battery-backed, read/write.
00h
RTC/Alarm Control
D7
D6
D5
D4
D3
D2
D1
D0
LB
AF
CF
POR
AEN
CAL
W
R
LB
Low Battery Flag: If the VBAK source drops to a voltage level insufficient to operate the RTC/alarm, this bit
will be set to ‘1’. All registers need to be re-initialized since the battery-backed register values should be
treated as unknown. The user should clear it to ‘0’ when initializing the system. Battery-backed. Read/Write
(internally set, user can clear bit by writing to a ‘0’).
AF
Alarm Flag: This read-only bit is set to 1 when the time/date match the values stored in the alarm registers with
the Match bit(s) = 0. It is cleared when the RTC/Alarm Control register is read. Battery-backed.
CF
Century Overflow Flag: This read-only bit is set to a 1 when the values in the years register overflows from 99
to 00. This indicates a new century, such as going from 1999 to 2000 or 2099 to 2100. The user should record
the new century information as needed. This bit is cleared when the RTC/Alarm Control register is read.
Battery-backed.
POR
Power On Reset Flag: When VDD drops below VSW, the POR bit will be set to ‘1’. Battery-backed.
Read/Write (internally set, user can clear bit by writing to a ‘0’).
AEN
Alarm Enable: This bit enables the alarm function. When AEN is set (and CAL cleared), the ACS pin operates
as an active-low alarm and the AF flag function is enabled. The function of the ACS pin is detailed in Table 3.
When AEN is cleared, no new alarm events will occur but the AF flag and ACS pin will not be cleared.
Battery-backed, read/write.
CAL
Calibration Mode: When CAL is set to ‘1’, the clock enters calibration mode. When CAL is set to ‘0’, the clock
operates normally, and the ACS pin is controlled by the RTC alarm. Battery-backed, read/write.
W
Write RTC: Setting the W bit to ‘1’ freezes updates of the user timekeeping registers. The user can then write
them with updated values. Setting the W bit to ‘0’ causes the contents of the time registers to be transferred to
the timekeeping counters. Battery-backed, read/write.
R
Read RTC: Setting the R bit to ‘1’ copies a static image of the timekeeping core and place it into the user
registers. The user can then read them without concerns over changing values causing system errors. The R bit
going from ‘0’ to ‘1’ causes the timekeeping capture, so the bit must be returned to ‘0’ prior to reading again.
Battery-backed, read/write.


Similar Part No. - FM3135-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130 RAMTRON-FM3130 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DGTR RAMTRON-FM3130-DGTR Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
More results

Similar Description - FM3135-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
   Integrated RTC/Alarm and 64Kb F-RAM
logo
NXP Semiconductors
PCF2128 PHILIPS-PCF2128 Datasheet
322Kb / 10P
   Integrated RTC / TCXO / Crystal
Rev. 00.03-4 June 2007
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
   Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com