Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1822N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1822N
Description  4V Output Solar Cell
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1822N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1822N Datasheet HTML 1Page - Clare, Inc. CPC1822N Datasheet HTML 2Page - Clare, Inc. CPC1822N Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1822-R02
©Copyright 2009, Clare, Inc.
All rights reserved. Printed in USA.
2/12/09
For additional information please visit our website at: www.clare.com
CPC1822
3
Manufacturing Information
MECHANICAL DIMENSIONS
8-Pin SOIC Package
Recommended PCB Land Pattern
Dimensions
mm
(inches)
PIN 1
0.33 - 0.51
(0.013 - 0.020)
5.80 - 6.20
(0.23 - 0.24)
3.80 - 4.00
(0.15 - 0.16)
1.27 TYP
(0.05 TYP)
0.40 - 1.27
(0.016 - 0.050)
0.19 - 0.25
(0.008 - 0.010)
1.35 - 1.75
(0.053 - 0.069)
0.10 - 0.25
(0.004 - 0.010)
4.80 - 5.00
(0.19 - 0.20)
0.394 - 0.648
(0.016 - 0.026)
1.27
(0.050)
5.40
(0.213)
1.55
(0.061)
0.60
(0.024)
RoHS
2002/95/EC
e3
Pb
Tape and Reel Packaging for 8-Pin SOIC-N Surface Mount Package
Top Cover
Tape
P = 8.00 ± 0.10
(0.315 ± 0.004)
User Direction of Feed
W = 12.00 ± 0.30
(0.472 ± 0.012)
B
0 = 5.30 ± 0.10
(0.209 ± 0.004)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
A
0 = 6.50 ± 0.10
(0.256 ± 0.004)
330.2 DIA.
(13.00 DIA.)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
K
0= 2.10 ± 0.10
(0.083 ± 0.004)
Dimensions
mm
(inches)
Pin 1
B
0 = 5.50 ± 0.10
(0.217 ± 0.004)
Moisture Sensitivity
Clare has characterized the moisture reflow sensitivity
of this package, and has determined that this
component must be handled in accordance with
IPC/JEDEC standard J-STD-033 moisture sensitivity
level (MSL), level 3 classification.
Soldering Reflow Profile
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.


Similar Part No. - CPC1822N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1822N CLARE-CPC1822N Datasheet
115Kb / 4P
   4V Output Solar Cell
logo
IXYS Corporation
CPC1822N IXYS-CPC1822N Datasheet
92Kb / 4P
   4V Output Solar Cell
CPC1822NTR IXYS-CPC1822NTR Datasheet
92Kb / 4P
   4V Output Solar Cell
More results

Similar Description - CPC1822N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1824 CLARE-CPC1824 Datasheet
88Kb / 3P
   4V Output Solar Cell
logo
IXYS Corporation
CPC1824 IXYS-CPC1824 Datasheet
92Kb / 4P
   4V Output Solar Cell
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
   4V Output Solar Cell
logo
Clare, Inc.
CPC1822 CLARE-CPC1822 Datasheet
115Kb / 4P
   4V Output Solar Cell
logo
IXYS Corporation
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
   8V Output Solar Cell
logo
Clare, Inc.
CPC1831 CLARE-CPC1831 Datasheet
88Kb / 3P
   8V Output Solar Cell
CPC1832 CLARE-CPC1832 Datasheet
88Kb / 3P
   8V Output Solar Cell
logo
IXYS Corporation
CPC1832 IXYS-CPC1832 Datasheet
94Kb / 4P
   8V Output Solar Cell
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com