Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB-V16 Datasheet(PDF) 1 Page - Harris Corporation

Part # SB-V16
Description  VERTICAL HF WHIP ANTENNAS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

SB-V16 Datasheet(HTML) 1 Page - Harris Corporation

  SB-V16 Datasheet HTML 1Page - Harris Corporation SB-V16 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The SB-V16 / SB-V35 Series provide easily assembled and
erected vertical HF whip antennas. These provide
omnidirectional low-angle radiation patterns for ground-wave
and skywave propagation from 2 to 30 MHz. They can be
assembled and erected by one man in minutes. Broadband
operation does require an antenna couplers such as the
RF-382 or RF-2601 Series.
The SB-V16 / SB-V35 Series HF Whip Antennas consist of an
antenna base and tapered 4-foot (1.2m) sections. The SB-V16
Series has four whip sections for a 16-foot height and the
SB-V35 Series has eight sections for a 32-foot height. Each
section is constructed by embedding the RF conductor in a
tough sheath of woven fiberglass that produces an
exceptionally tough, but flexible whip antenna.
The SB-V16B and SB-V35B have feed-through bases suitable
for mounting in a 2-inch (5.08-cm) hole. The SB-V16C and
SB-V35C have flange bases suitable for mounting on a flat
surface using six mounting bolts. The SB-V16F and SB-V35F
have flexible spring bases compatible with the RF-292 for
vehicular mounting.
When using the SB-V35 Series, it is recommended that the
antenna be guyed if winds are expected to be in excess of
50 mph or if the antenna is installed permanently.
®
assuredcommunications
SB-V16 /
SB-V35
VERTICAL HF WHIP
ANTENNAS
for use in shelter,
vehicular, deployable
and fixed-site
applications


Similar Part No. - SB-V16

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
SB-015 RHOPOINT-SB-015 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Gamewell-FCI by Honeywe...
SB-10 GAMEWELL-FCI-SB-10 Datasheet
389Kb / 2P
   Double action station
logo
List of Unclassifed Man...
SB-10 ETC2-SB-10 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-13 ETC2-SB-13 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-16 ETC2-SB-16 Datasheet
121Kb / 1P
   Snap Fit Bushings
More results

Similar Description - SB-V16

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-1930CHD HARRIS-RF-1930CHD Datasheet
321Kb / 2P
   HF SHIPBOARD WHIP ANTENNA
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
   Increased gain versus standard whip antennas
3-22-11
logo
Pulse A Technitrol Comp...
KG406UD PULSE-KG406UD Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
KG406O PULSE-KG406O Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Harris Corporation
RF-1980F-AT001 HARRIS-RF-1980F-AT001 Datasheet
341Kb / 2P
   TILT-WHIP ADAPTERS
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
   Amplified antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
   LORA Antennas
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com