Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # 74HC595
Description  8-Bit Shift Registers W ith Latched 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

74HC595 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  74HC595 Datasheet HTML 1Page - Wing Shing Computer Components 74HC595 Datasheet HTML 2Page - Wing Shing Computer Components 74HC595 Datasheet HTML 3Page - Wing Shing Computer Components 74HC595 Datasheet HTML 4Page - Wing Shing Computer Components 74HC595 Datasheet HTML 5Page - Wing Shing Computer Components 74HC595 Datasheet HTML 6Page - Wing Shing Computer Components 74HC595 Datasheet HTML 7Page - Wing Shing Computer Components 74HC595 Datasheet HTML 8Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
DC supply voltage Vcc
- 0.5 ~ + 7.0
V
DC input clamp current Iik (Vi<0 or Vi>Vcc)
±20
mA
DC output clamp current Iok (Vo<0 or Vo>Vcc)
±20
mA
DC Current Drain per pin, any output (Iout)
±35
mA
DC supply Current, Vcc or GND (Icc)
±70
mA
Storage Temperature( TSTG)
-65 ~ +150
Lead Temperature(TL) (Soldering, 10seconds)
260
Note:
1. Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed.
RECOMMENDED OPERATING CONDITONS
Parameter
Min.
Normal
Max.
Unit
Power Supply Voltage (Vcc)
2
5
6
V
VCC=2.0V
1.5
VIH High-level input voltage
VCC=4.5V
3.15
V
VCC=6.0V
4.2
VCC=2.0V
0.5
VIL Low-level Input Voltage
VCC=4.5V
1.35
V
VCC=6.0V
1.8
VI Input Voltage
0
Vcc
V
VO Output Voltage
0
Vcc
V
74HC595
-40
85
Operating Temperature (TA)
Input Rise/Fall Times (tr, tf)
VCC=2.0V
1000
VCC=4.5V
500
VCC=6.0V
400
ns
Note:
2. All unused inputs of the device must be held at Vcc or GND to ensure proper device operation.
3. If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a
potential to go into the wrong state from induced grounding, causing double clocking. Operating
with the inputs at tt = 1000 ns and Vcc = 2 V does not damage the device; however, functionally, the
CLK inputs are not ensured while in the shift, count, or toggle operating modes.
WS74HC595


Similar Part No. - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
STMicroelectronics
74HC595 STMICROELECTRONICS-74HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
More results

Similar Description - 74HC595

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS WITH LATCHED 3-STATE OUTPUT REGISTERS
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI1-SN54HC595_15 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN74LV595A TI1-SN74LV595A Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54LV595A TI-SN54LV595A_07 Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com