Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM7700G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTM7700G
Description  TrilithIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7700G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTM7700G Datasheet HTML 4Page - Infineon Technologies AG BTM7700G Datasheet HTML 5Page - Infineon Technologies AG BTM7700G Datasheet HTML 6Page - Infineon Technologies AG BTM7700G Datasheet HTML 7Page - Infineon Technologies AG BTM7700G Datasheet HTML 8Page - Infineon Technologies AG BTM7700G Datasheet HTML 9Page - Infineon Technologies AG BTM7700G Datasheet HTML 10Page - Infineon Technologies AG BTM7700G Datasheet HTML 11Page - Infineon Technologies AG BTM7700G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BTM7700G
Data Sheet
1
Rev. 1.0, 2007-06-12
4
Circuit Description
4.1
Input Circuit
The control inputs IH1,2 consist of TTL/CMOS compatible Schmitt-Triggers with hysteresis. Buffer amplifiers are
driven by these stages and convert the logic signal into the necessary form for driving the power output stages.
The inputs are protected by ESD clamp-diodes. The inputs IL1 and IL2 are connected to the gates of the standard
N-channel vertical power-MOS-FETs.
4.2
Output Stages
The output stages consist of an low
R
DSON Power-MOS H-bridge. In H-bridge configuration, the D-MOS body
diodes can be used for freewheeling when communicating inductive loads. If the high-side switches are used as
single switches, positive and negative voltage spikes which occur when driving inductive loads are limited by
integrated power clamp diodes.
4.3
Short Circuit Protection
The outputs are protected against short circuit to ground and short circuit over load
An internal OP-Amp controls the Drain-Source-Voltage by comparing the DS-Voltage-Drop with an internal
reference voltage. Above this trip point the OP-Amp reduces the output current depending on the junction
temperature and the drop voltage.
4.4
Overtemperature Protection
The high-side switches also incorporate an over temperature protection circuit with hysteresis which switches off
the output transistors and sets the status output to low.
4.5
Undervoltage Lockout
When
V
S reaches the switch-on voltage VUVON the IC becomes active with a hysteresis. The high-side output
transistors are switched off if the supply voltage
V
S drops below the switch off value VUVOFF.
4.6
Status Flag
The status flag output is an open drain output with zener-diode which requires a pull-up resistor, as shown in the
application circuit in Figure 4 “Application Example BTM7700G” on Page 15. Various errors as listed in the
table “Diagnosis” are reported by switching the open drain output ST to low.


Similar Part No. - BTM7700G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7710GP INFINEON-BTM7710GP Datasheet
586Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7741G INFINEON-BTM7741G Datasheet
333Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7742G INFINEON-BTM7742G Datasheet
1Mb / 25P
   High Current H-Bridge Trilith IC 3G
Rev. 1.0, May 2010
More results

Similar Description - BTM7700G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com