Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM7740G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTM7740G
Description  TrilithIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7740G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTM7740G Datasheet HTML 2Page - Infineon Technologies AG BTM7740G Datasheet HTML 3Page - Infineon Technologies AG BTM7740G Datasheet HTML 4Page - Infineon Technologies AG BTM7740G Datasheet HTML 5Page - Infineon Technologies AG BTM7740G Datasheet HTML 6Page - Infineon Technologies AG BTM7740G Datasheet HTML 7Page - Infineon Technologies AG BTM7740G Datasheet HTML 8Page - Infineon Technologies AG BTM7740G Datasheet HTML 9Page - Infineon Technologies AG BTM7740G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BTM7740G
Data Sheet
6
Rev. 1.0, 2007-05-21
2.2
Terms
Figure 2
Terms BTM7740G
Table 2
HS-Source-Current
Named during Short Circuit
Named during Leakage-Cond.
I
SH1,2
I
SCP H
I
DL LK
SH2
DHVS
ST
IL1
GND
IH1
SL2
5,10,19,24
9
7
20,21
16,17
6
13
2
R
O1
R
O2
Biasing and Protection
22,23
1,3,25,28
8
IH2
IL2
26,27
12,14,15,18
SL1
DL2
SH1
DL1
I
GND
I
LKCL
V
S=12V
C
L
100µF
C
S
470nF
I
FH1,2
I
S
I
SH2
I
DL2
I
SH1
I
DL1
I
DL LK 2
I
DL LK 1
V
DSL1
-V
FL1
V
DSL2
-V
FL2
-V
FH2
V
DSH2
-V
FH1
V
DSH1
V
UVON
V
UVOFF
I
SL2
I
SL1
I
SCP L 1
I
SCP L 2
V
IL2
V
IL th 2
V
IL1
V
IL th 1
V
ST
V
STL
V
STZ
V
IH1
V
IH2
Gate
Driver
Gate
Driver
Diagnosis
I
ST
I
ST LK
I
IH1
I
IH1
I
IL1
I
IL2
Protection
Gate
Driver
Protection
Gate
Driver


Similar Part No. - BTM7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTM7741G INFINEON-BTM7741G Datasheet
333Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7742G INFINEON-BTM7742G Datasheet
1Mb / 25P
   High Current H-Bridge Trilith IC 3G
Rev. 1.0, May 2010
BTM7745G INFINEON-BTM7745G Datasheet
1Mb / 24P
   High Current H-Bridge Trilith IC 3G
Rev. 1.0, May 2010
More results

Similar Description - BTM7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com