Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 22Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 23Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 24Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 25Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 26Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 27Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 28Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 29Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Version 2.6
26
25 Dec 2006
CoolSET™-F2
Typical Performance Characteristics
5
Typical
Performance
Characteristics
Figure 25 Start Up Current IVCC1 vs. Tj
Figure 26 Static Supply Current IVCC2 vs. Tj
Figure 27 Supply Current IVCCI vs. Tj
Figure 28 Supply Current IVCCI vs. Tj
Figure 29 Supply Current IVCCI vs. Tj
Figure 30 Supply Current IVCCI vs. Tj
Junction Temperature [°C]
22
24
26
28
30
32
34
36
38
40
-25 -15
-5
5
152535455565
758595 105 115 125
Junction Temperature [°C]
4,5
4,7
4,9
5,1
5,3
5,5
5,7
5,9
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [°C]
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
7.2
7.6
8.0
8.4
8.8
-25 -15 -5
5
15
25
35
45
55
65
75
85
95 105 115 125
ICE2A0565/G/Z
ICE2A165
ICE2A265
ICE2A365
/G/Z
Junction Temperature [°C]
4,5
4,7
4,9
5,1
5,3
5,5
5,7
5,9
6,1
6,3
6,5
6,7
6,9
7,1
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
ICE2B165
ICE2B365
ICE2B265
ICE2B0565
Junction Temperature [°C]
5,5
5,7
5,9
6,1
6,3
6,5
6,7
6,9
7,1
7,3
7,5
7,7
7,9
8,1
8,3
8,5
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
ICE2A280Z
ICE2A180Z
Junction Temperature [°C]
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
8.7
8.9
-25 -15 -5
5
15
2535455565
758595 105 115 125
ICE2A765P2
ICE2B765P2
ICE2A380P2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn