Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 10Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 11Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 12Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 13Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 16Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 17Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Version 2.6
14
25 Dec 2006
CoolSET™-F2
Functional Description
the Current-Limit Comparator cannot switch off the
gate drive.
3.5.2
Propagation Delay Compensation
In case of overcurrent detection by ILimit the shut down
of CoolMOS™ is delayed due to the propagation delay
of the circuit. This delay causes an overshoot of the
peak current Ipeak which depends on the ratio of dI/dt of
the peak current (see Figure 17).
.
Figure 17 Current Limiting
The overshoot of Signal2 is bigger than of Signal1 due
to the steeper rising waveform.
A propagation delay compensation is integrated to
bound the overshoot dependent on dI/dt of the rising
primary current. That means the propagation delay
time between exceeding the current sense threshold
Vcsth and the switch off of CoolMOS™ is compensated
over temperature within a range of at least.
Figure 18 Dynamic Voltage Threshold Vcsth
The propagation delay compensation is done by
means of a dynamic threshold voltage Vcsth (see Figure
18). In case of a steeper slope the switch off of the
driver is earlier to compensate the delay.
E.g. Ipeak = 0.5A with RSense = 2. Without propagation
delay compensation the current sense threshold is set
to a static voltage level Vcsth=1V. A current ramp of
dI/dt = 0.4A/µs, that means dVSense/dt = 0.8V/µs, and a
propagation delay time of i.e. tPropagation Delay =180ns
leads then to a Ipeak overshoot of 14.4%. By means of
propagation delay compensation the overshoot is only
about 2% (see Figure 19).
Figure 19 Overcurrent Shutdown
3.6
PWM-Latch
The oscillator clock output applies a set pulse to the
PWM-Latch when initiating CoolMOS™ conduction.
After setting the PWM-Latch can be reset by the PWM-
OP, the Soft-Start-Comparator, the Current-Limit-
Comparator, Comparator C3 or the Error-Latch of the
Protection Unit. In case of resetting the driver is shut
down immediately.
3.7
Driver
The driver-stage drives the gate of the CoolMOS™ and
is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope
when reaching the CoolMOS™ threshold. This is
achieved by a slope control of the rising edge at the
driver’s output (see Figure 20) to the CoolMOS™ gate.
Thus the leading switch on spike is minimized. When
CoolMOS™ is switched off, the falling shape of the
driver is slowed down when reaching 2V to prevent an
overshoot below ground. Furthermore the driver circuit
is designed to eliminate cross conduction of the output
stage. At voltages below the undervoltage lockout
threshold VVCCoff the gate drive is active low.
t
I
Sense
I
Limit
t
Propagation Delay
I
Overshoot1
I
peak1
Signal2
Signal1
I
Overshoot2
I
peak2
0
RSense
dIpeak
dt
------------
×
dVSense
dt
---------------
≤≤
t
V
csth
V
OSC
Signal1
Signal2
V
Sense
max. Duty Cycle
off time
t
Propagation Delay
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
with compensation
without compensation
dt
dV
Sense
V
V/us


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn