Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 11Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 12Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 13Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 16Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 17Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 18Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Version 2.6
15
25 Dec 2006
CoolSET™-F2
Functional Description
Figure 20 Internal Gate Rising Slope
3.8
Protection Unit (Auto Restart Mode)
An overload, open loop and overvoltage detection is
integrated within the Protection Unit. These three
failure modes are latched by an Error-Latch. Additional
thermal shutdown is latched by the Error-Latch. In case
of those failure modes the Error-Latch is set after a
blanking time of 5µs and the CoolMOS™ is shut down.
That blanking prevents the Error-Latch from distortions
caused by spikes during operation mode.
3.8.1
Overload / Open Loop with Normal
Load
Figure 21 shows the Auto Restart Mode in case of
overload or open loop with normal load. The detection
of open loop or overload is provided by the Comparator
C3, C4 and the AND-gate G2 (see Figure 22). The
detection is activated by C4 when the voltage at pin
SoftS exceeds 5.3V. Till this time the IC operates in the
Soft-Start Phase. After this phase the comparator C3
can set the Error-Latch in case of open loop or overload
which leads the feedback voltage VFB to exceed the
threshold of 4.8V. After latching VCC decreases till
8.5V and inactivates the IC. At this time the external
Soft-Start capacitor is discharged by the internal
transistor T1 due to Power Down Reset. When the IC
is inactive VVCC increases till VCCon = 13.5V by charging
the Capacitor CVCC by means of the Start-Up Resistor
RStart-Up. Then the Error-Latch is reset by Power Up
Reset and the external Soft-Start capacitor CSoft-Start is
charged by the internal pull-up resistor RSoft-Start. During
the Soft-Start Phase which ends when the voltage at
pin SoftS exceeds 5.3V the detection of overload and
open loop by C3 and G2 is inactive. In this way the Start
Up Phase is not detected as an overload.
Figure 21 Auto Restart Mode
Figure 22 FB-Detection
t
V
Gate
5V
ca. t = 130ns
Overload/ OpenLoopwithNormal Load
FB
t
4.8V
5.3V
SoftS
5µs Blanking
Failure
Detection
Soft-Start Phase
VCC
13.5V
8.5V
t
Driver
t
T
Restart
T
Burst1
t
R
Soft-Start
6.5V
C
Soft-Start
C4
5.3V
C3
4.8V
G2
T1
Error-Latch
Power Up Reset
R
FB
6.5V
FB
SoftS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn