Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 13Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 16Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 17Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 18Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 19Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 20Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Version 2.6
17
25 Dec 2006
CoolSET™-F2
Electrical Characteristics
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 6
(VCC) is discharged before assembling the application circuit.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Drain Source Voltage
ICE2A0565/165/265/365/765I/765P2
ICE2B0565/165/265/365/765I/765P2
ICE2A0565G
ICE2A0565Z
VDS
-650
V
T
j = 110°C
Drain Source Voltage
ICE2A180Z/280Z/380P2
VDS
-800
V
T
j = 25°C
Pulsed drain current,
tp limited by Tjmax
ICE2A0565/
ICE2B056/
ICE2A0565G/
ICE2A0565Z
ID_Puls1
2.0
A
ICE2A165/
ICE2B165
ID_Puls2
3.8
A
ICE2A265/
ICE2B265
ID_Puls3
9.8
A
ICE2A365/
ICE2B365
ID_Puls4
23.3
A
ICE2A180Z
ID_Puls5
4.1
A
ICE2A280Z
ID_Puls6
14.8
A
ICE2A765P2/
ICE2B765P2/
ICE2A765I/
ICE2B765I
ID_Puls7
19.0
A
ICE2A380P2/
ID_Puls8
5.7
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn