Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 16Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 17Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 18Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 19Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 20Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 21Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CoolSET™-F2
Electrical Characteristics
Version 2.6
18
25 Dec 2006
Avalanche energy,
repetitive tAR limited by
max. Tj=150°C
1)
ICE2A0565
EAR1
-0.01
mJ
ICE2A165
EAR2
-0.07
mJ
ICE2A265
EAR3
-0.40
mJ
ICE2A365
EAR4
-0.50
mJ
ICE2B0565
EAR5
-0.01
mJ
ICE2B165
EAR6
-0.07
mJ
ICE2B265
EAR7
-0.40
mJ
ICE2B365
EAR8
-0.50
mJ
ICE2A0565G
EAR9
-0.01
mJ
ICE2A0565Z
EAR10
-0.01
mJ
ICE2A180Z
EAR11
-0.07
mJ
ICE2A280Z
EAR12
-0.40
mJ
ICE2A765I
EAR13
-0.50
mJ
ICE2B765I
EAR14
-0.50
mJ
ICE2A765P2
EAR15
-0.50
mJ
ICE2B765P2
EAR16
-0.50
mJ
ICE2A380P2
EAR17
-0.06
mJ
1)
Repetitive avalanche causes additional power losses that can be calculated as PAV=EAR* f
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn