Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 15Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 16Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 17Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 18Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 19Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 20Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 21Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 22Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Version 2.6
19
25 Dec 2006
CoolSET™-F2
Electrical Characteristics
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Avalanche current,
repetitive tAR limited by
max. Tj=150°C
ICE2A0565
IAR1
-0.5
A
ICE2A165
IAR2
-1
A
ICE2A265
IAR3
-2
A
ICE2A365
IAR4
-3
A
ICE2B0565
IAR5
-0.5
A
ICE2B165
IAR6
-1
A
ICE2B265
IAR7
-2
A
ICE2B365
IAR8
-3
A
ICE2A0565G IAR9
-0.5
A
ICE2A0565Z IAR10
-0.5
A
ICE2A180Z
IAR11
-1
A
ICE2A280Z
IAR12
-2
A
ICE2A765I
IAR13
-7
A
ICE2B765I
IAR14
-7
A
ICE2A765P2 IAR15
-7
A
ICE2B765P2 IAR16
-7
A
ICE2A380P2 IAR17
-2.4
A
VCC Supply Voltage
VCC
-0.3
22
V
FB Voltage
VFB
-0.3
6.5
V
SoftS Voltage
VSoftS
-0.3
6.5
V
ISense
ISense
-0.3
3
V
Junction Temperature
Tj
-40
150
°C
Controller & CoolMOS™
Storage Temperature
TS
-50
150
°C
Thermal Resistance
Junction-Ambient
RthJA1
-
90
K/W
PG-DIP-8-6
RthJA2
-
96
K/W
PG-DIP-7-1
RthJA3
-
110
K/W
P-DSO-16/12
ESD Robustness1)
1)
Equivalent to discharging a 100pF capacitor through a 1.5 k
Ω series resistor
2)
1kV at pin drain of ICE2x0565, ICE2A0565Z and ICE2A0565G
VESD
-22)
kV
Human Body Model


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn