Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 20Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 21Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 22Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 23Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 24Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 25Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 26Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 27Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
CoolSET™-F2
Electrical Characteristics
Version 2.6
24
25 Dec 2006
4.4.6
CoolMOS™ Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Drain Source Breakdown Voltage
ICE2A0565/165/265/365/765I/765P2
ICE2B0565/165/265/365/765I/765P2
ICE2A0565G/0565Z
V(BR)DSS
600
650
-
-
-
-
V
V
Tj=25°C
Tj=110°C
Drain Source Breakdown Voltage
ICE2A180Z/280Z/380P2
V(BR)DSS
800
870
-
-
-
-
V
V
Tj=25°C
Tj=110°C
Drain Source
On-Resistance
ICE2A0565
RDSon1
-
-
4.7
10.0
5.5
12.5
Tj=25°C
Tj=125°C
ICE2A165
RDSon2
-
-
3
6.6
3.3
7.3
Tj=25°C
Tj=125°C
ICE2A265
RDSon3
-
-
0.9
1.9
1.08
2.28
Tj=25°C
Tj=125°C
ICE2A365
RDSon4
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2B0565
RDSon5
-
-
4.7
10.0
5.5
12.5
Tj=25°C
Tj=125°C
ICE2B165
RDSon6
-
-
3
6.6
3.3
7.3
Tj=25°C
Tj=125°C
ICE2B265
RDSon7
-
-
0.9
1.9
1.08
2.28
Tj=25°C
Tj=125°C
ICE2B365
RDSon8
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2A0565G
RDSon9
-
-
4.7
10.0
5.5
12.5
Tj=25°C
Tj=125°C
ICE2A0565Z
RDSon10
-
-
4.7
10.0
5.5
12.5
Tj=25°C
Tj=125°C
ICE2A180Z
RDSon11
-
-
3
6.6
3.3
7.3
Tj=25°C
Tj=125°C
ICE2A280Z
RDSon12
-
-
0.8
1.7
1.06
2.04
Tj=25°C
Tj=125°C
ICE2A765I
RDSon13
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2B765I
RDSon14
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2A765P2
RDSon15
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2B765P2
RDSon16
-
-
0.45
0.95
0.54
1.14
Tj=25°C
Tj=125°C
ICE2A380P2
RDSon17
-
-
1.89
4.15
2.27
4.98
Tj=25°C
Tj=125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn