Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICE2A0565 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part No. ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 21Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 22Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 23Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 24Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 25Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 26Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 27Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 28Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Version 2.6
25
25 Dec 2006
CoolSET™-F2
Electrical Characteristics
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Effective output
capacitance,
energy related
ICE2A0565
Co(er)1
-4.751
-pF
VDS =0V to 480V
ICE2A165
Co(er)2
-7
-pF
ICE2A265
Co(er)3
-21
-
pF
ICE2A365
Co(er)4
-30
-
pF
ICE2B0565
Co(er)5
-4.751
-pF
ICE2B165
Co(er)6
-7
-pF
ICE2B265
Co(er)7
-21
-
pF
ICE2B365
Co(er)8
-30
-
pF
ICE2A0565G
Co(er)9
-4.751
-pF
ICE2A0565Z
Co(er)10
-4.751
-pF
ICE2A180Z
Co(er)11
-7
-pF
ICE2A280Z
Co(er)12
-22
-
pF
ICE2A765I
Co(er)13
-30
-
pF
ICE2B765I
Co(er)14
-30
-
pF
ICE2A765P2
Co(er)15
-30
-
pF
ICE2B765P2
Co(er)16
-30
-
pF
ICE2A380P2
Co(er)17
-16.8
-
pF
Zero Gate Voltage Drain Current
IDSS
-0.5
-µA
VVCC=0V
Rise Time
trise
-301)
1)
Measured in a Typical Flyback Converter Application
-ns
Fall Time
tfall
-301)
-ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn