Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2B265 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICE2B265
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2B265 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICE2B265 Datasheet HTML 17Page - Infineon Technologies AG ICE2B265 Datasheet HTML 18Page - Infineon Technologies AG ICE2B265 Datasheet HTML 19Page - Infineon Technologies AG ICE2B265 Datasheet HTML 20Page - Infineon Technologies AG ICE2B265 Datasheet HTML 21Page - Infineon Technologies AG ICE2B265 Datasheet HTML 22Page - Infineon Technologies AG ICE2B265 Datasheet HTML 23Page - Infineon Technologies AG ICE2B265 Datasheet HTML 24Page - Infineon Technologies AG ICE2B265 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Version 2.6
21
25 Dec 2006
CoolSET™-F2
Electrical Characteristics
4.4
Characteristics
Note:
The electrical characteristics involve the spread of values given within the specified supply voltage and
junction temperature range TJ from – 25 °C to 125 °C.Typical values represent the median values, which
are related to 25°C. If not otherwise stated, a supply voltage of VCC = 15 V is assumed.
4.4.1
Supply Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start Up Current
IVCC1
-27
55
µA
VCC=VCCon -0.1V
Supply Current with Inactive
Gate
IVCC2
-5.0
6.6
mA
VSoftS = 0
IFB = 0
Supply Current
with Active Gate
ICE2A0565
IVCC3
-5.3
6.7
mA
VSoftS = 5V
IFB = 0
ICE2A165
IVCC4
-6.5
7.8
mA
ICE2A265
IVCC5
-6.7
8.0
mA
ICE2A365
IVCC6
-8.5
9.8
mA
ICE2B0565
IVCC7
-5.2
6.7
mA
ICE2B165
IVCC8
-5.5
7.0
mA
ICE2B265
IVCC9
-6.1
7.3
mA
ICE2B365
IVCC10
-7.1
8.3
mA
ICE2A0565G IVCC11
-5.3
6.7
mA
ICE2A0565Z IVCC12
-5.3
6.7
mA
ICE2A180Z
IVCC13
-6.5
7.8
mA
ICE2A280Z
IVCC14
-7.7
9.0
mA
Supply Current
with Active Gate
ICE2A765I
IVCC15
-8.5
9.8
mA
VSoftS = 5V
IFB = 0
ICE2B765I
IVCC16
-7.1
8.3
mA
ICE2A765P2 IVCC17
-8.5
9.8
mA
ICE2B765P2 IVCC18
-7.1
8.3
mA
ICE2A380P2 IVCC19
-6.7
8.0
mA
VCC Turn-On Threshold
VCC Turn-Off Threshold
VCC Turn-On/Off Hysteresis
VCCon
VCCoff
VCCHY
13
-
4.5
13.5
8.5
5
14
-
5.5
V
V
V


Similar Part No. - ICE2B265

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2B265 INFINEON-ICE2B265 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2B265 INFINEON-ICE2B265 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
More results

Similar Description - ICE2B265

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com