Electronic Components Datasheet Search |
|
CPC1961G Datasheet(PDF) 5 Page - Clare, Inc. |
|
CPC1961G Datasheet(HTML) 5 Page - Clare, Inc. |
5 / 6 page CPC1961 www.clare.com 5 R05 MICHANICAL DIMENSIONS Manufacturing Information RoHS 2002/95/EC e3 Pb Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. 2.540 ± 0.127 (0.100 ± 0.005) 6.350 ± 0.127 (0.250 ± 0.005) 9.144 ± 0.508 (0.360 ± 0.020) 0.457 ± 0.076 (0.018 ± 0.003) 9.652 ± 0.381 (0.380 ± 0.015) 8-Pin DIP Through-Hole Package 7.239 TYP. (0.285) 7.620 ± 0.254 (0.300 ± 0.010) 4.064 TYP (0.160) 0.889 ± 0.102 (0.035 ± 0.004) PC Board Pattern Dimensions mm (inches) 8-0.800 DIA. (8-0.031 DIA.) 2.540 ± 0.127 (0.100 ± 0.005) 7.620 ± 0.127 (0.300 ± 0.005) 7.620 ± 0.127 (0.300 ± 0.005) 6.350 ± 0.127 (0.250 ± 0.005) 3.302 ± 0.051 (0.130 ± 0.002) 0.254 TYP (0.01) 8-Pin Surface Mount Package 2.540 ± 0.127 (0.100 ± 0.005) 9.652 ± 0.381 (0.380 ± 0.015) 6.350 ± 0.127 (0.250 ± 0.005) 9.525 ± 0.254 (0.375 ± 0.010) 0.457 ± 0.076 (0.018 ± 0.003) Recommended PCB Land Pattern Dimensions mm (inches) 0.813 ± 0.120 (0.032 ± 0.004) 4.445 ± 0.127 (0.175 ± 0.005) 7.620 ± 0.254 (0.300 ± 0.010) 0.635 ± 0.127 (0.025 ± 0.005) 0.254 ± 0.127 (0.010 ± 0.0005) 2.54 (0.10) 8.90 (0.3503) 1.65 (0.0649) 0.65 (0.0255) 3.302 ± 0.051 (0.130 ± 0.002) |
Similar Part No. - CPC1961G |
|
Similar Description - CPC1961G |