Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5622ATR Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC5622ATR
Description  LITELINK짰 III Phone Line Interface IC (DAA)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5622ATR Datasheet(HTML) 4 Page - Clare, Inc.

  CPC5622ATR Datasheet HTML 1Page - Clare, Inc. CPC5622ATR Datasheet HTML 2Page - Clare, Inc. CPC5622ATR Datasheet HTML 3Page - Clare, Inc. CPC5622ATR Datasheet HTML 4Page - Clare, Inc. CPC5622ATR Datasheet HTML 5Page - Clare, Inc. CPC5622ATR Datasheet HTML 6Page - Clare, Inc. CPC5622ATR Datasheet HTML 7Page - Clare, Inc. CPC5622ATR Datasheet HTML 8Page - Clare, Inc. CPC5622ATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CPC5622
4
www.clare.com
R02
1.2 Performance
NOTES:
1) This parameter is layout and component tolerance dependent.
Parameter
Minimum
Typical
Maximum
Unit
Conditions
DC Characteristics
Operating Voltage VDD
3.0
-
5.5
V
Low-voltage side
Operating Current IDD
-
9
13
mA
Low-voltage side
Operating Voltage VDDL
2.8
-
3.2
V
Line side, derived from tip and ring
Operating Current IDDL
-
7
8
mA
Line side, drawn from tip and ring while off-hook
On-hook Characteristics
Metallic DC Resistance
10
-
-
M
Ω
Tip to ring, 100 Vdc applied
Longitudinal DC Resistance
10
-
-
M
Ω
150 Vdc applied from tip and ring to Earth ground
Ringing Signal Detect Level
5
-
-
Vrms
68 Hz ringing signal applied across tip and ring
Ringing Signal Detect Level
28
-
-
Vrms
15 Hz ringing signal applied across tip and ring
Snoop Circuit Frequency Response
166
-
>4000
Hz
-3 dB corner frequency @ 166 Hz, in Clare
application circuit
Snoop Circuit CMRR1
-40-
dB
120 VRMS 60 Hz common-mode signal across tip
and ring
Ringer Equivalence
-
0.01B
-
REN
Longitudinal Balance1
60
-
-
dB
Per FCC part 68
Off-Hook Characteristics
AC Impedance
-
600
-
Ω
Tip to ring, using resistive termination application
circuit
Longitudinal Balance1
60
-
-
dB
Per FCC part 68
Return Loss
-
26
-
dB
Into 600
Ω at 1800 Hz
Transmit and Receive Characteristics
Frequency Response
30
-
4000
Hz
-3 dB corner frequency 30 Hz
Transhybrid Loss
-
36
-
dB
Into 600
Ω at 1800 Hz, with C18 in the resistive
termination application circuit
Transmit and Receive Insertion Loss
-0.4
0
0.4
dB
30 Hz to 4 kHz,
Resistive termination application circuit with MODE
de-asserted.
Reactive termination application circuit with MODE
asserted.
Average In-band Noise
-
-126
-
dBm/Hz
4 kHz flat bandwidth
Harmonic Distortion
-
-80
-
dB
-3 dBm, 600 Hz, 2nd harmonic
Transmit Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω.
Receive Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω.
RX+/RX- Output Drive Current
-
-
0.5
mA
Sink and source
TX+/TX- Input Impedance
60
90
120
k
Ω
Isolation Characteristics
Isolation Voltage
3000
-
-
Vrms
Line side to Low-voltage side, one minute duration
Surge Rise Time
2000
-
-
V/
μS
No damage via tip and ring
MODE and OH Control Logic Inputs
Input Low Voltage
-
-
0.8
VIL
Input High Voltage
2.0
-
-
VIH
High Level Input Current
-
-
-120
μA
VIN VDD
Low Level Input Current
-
-
-120
μA
VIN = GND
RING and RING2 Output Logic Levels
Output High Voltage
VDD -0.4
--
V
IOUT = -400 μA
Output Low Voltage
-
-
0.4
V
IOUT = 1 mA
Specifications subject to change without notice. All performance characteristics based on the use of Clare application circuits. Functional operation of the device at
conditions beyond those specified here is not implied.


Similar Part No. - CPC5622ATR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5622ATR IXYS-CPC5622ATR Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
More results

Similar Description - CPC5622ATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
   PLC Powerline DAA IC
logo
Fujitsu Component Limit...
MB4752A FUJITSU-MB4752A Datasheet
652Kb / 11P
   SUBSCRIBER LINE INTERFACE IC
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com