Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5710N Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5710N
Description  Phone Line Monitor (PLM) IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5710N_1 Datasheet HTML 1Page - Clare, Inc. CPC5710N_1 Datasheet HTML 2Page - Clare, Inc. CPC5710N_1 Datasheet HTML 3Page - Clare, Inc. CPC5710N_1 Datasheet HTML 4Page - Clare, Inc. CPC5710N_1 Datasheet HTML 5Page - Clare, Inc. CPC5710N_1 Datasheet HTML 6Page - Clare, Inc. CPC5710N_1 Datasheet HTML 7Page - Clare, Inc. CPC5710N_1 Datasheet HTML 8Page - Clare, Inc. CPC5710N_1 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS-CPC5710-R02
www.clare.com
1
Features
Excellent common-mode rejection ratio (CMRR)
Application circuits can meet isolation requirements
of worldwide telephony standards
Small 8-pin SOIC
Worldwide telephone network compatibility
Full-wave ringing level detector comparator with
internal threshold, large hysteresis, and logic-level
output
3.3V or 5V operation
High differential input impedance
Very low common-mode input impedance
Fixed gain
Differential or single-ended linear output
TTL logic level input
CMOS logic level output (TTL compatible)
Virtually non-detectable in voice monitoring
applications
Applications
The CPC5710N can be used for line monitoring or
detection of signaling states and loop conditions
such as:
• Display feature (caller ID) signal buffering
• Line-In-Use (LIU) detection
• Ringing signal with adjustable detection level
• Battery presence monitoring
• Tip to ring line voltage monitoring
• Line polarity
• Imperceptible voice recording
Description
The Clare CPC5710N is a selectable dual function
CMOS special purpose integrated high-impedance
input, fixed-gain amplifier and an internally set voltage
level comparator for telephone line monitoring. The
high (>40dB) common-mode rejection ratio makes the
CPC5710N an excellent choice for signaling detection,
line condition monitoring, discrete voice recording and
CID buffering applications. In addition to voice
applications, the CPC5710N is ideal for data
applications such as embedded modem designs
utilized in broadband set-top boxes.
Ordering Information
Figure 1. CPC5710N Block Diagram
Part Number
Description
CPC5710N
PLM IC, Tubed, 100/Tube
CPC5710NTR
PLM IC, Tape &Reel, 2000/Reel
Switch shown
in Detector Mode
IN+
IN-
LIN/CMP
VDD
VDD
VDD
VSS
CMPOUT
LINOUT+
LINOUT-
+
+
-
-
-
+
1.625 V
1.25 V
2V
0V
A=6
V
3
6
7
1
2
5
4
GND
8
GND
+
-
+
-
VDD
50k
RoHS
2002/95/EC
e3
Pb
CPC5710N
Phone Line Monitor (PLM) IC


Similar Part No. - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com