Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA108PTR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LAA108PTR
Description  Dual Single-Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA108PTR Datasheet(HTML) 3 Page - Clare, Inc.

  LAA108PTR Datasheet HTML 1Page - Clare, Inc. LAA108PTR Datasheet HTML 2Page - Clare, Inc. LAA108PTR Datasheet HTML 3Page - Clare, Inc. LAA108PTR Datasheet HTML 4Page - Clare, Inc. LAA108PTR Datasheet HTML 5Page - Clare, Inc. LAA108PTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LAA108
www.clare.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.26
1.27
1.28
1.29
1.30
1.31
0
5
10
15
20
25
30
LED Forward Voltage Distribution
(I
F=5mA, TA=25ºC)
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0
5
10
15
20
LED Current to Operate Distribution
(I
L=100mA, TA=25ºC)
LED Current to Operate (mA)
On-Resistance (
Ω)
4.46
4.48
4.50
4.52
4.54
4.56
4.58
0
5
10
15
20
On-Resistance Distribution
(I
F=2mA, IL=200mA, TA=25ºC)
Turn-On Time (ms)
0.135 0.150 0.165 0.180 0.195 0.210 0.225
0
5
10
15
20
Turn-On Time Distribution
(I
F=5mA, IL=200mA, TA=25ºC)
Turn-Off Time (ms)
0.34
0.38
0.42
0.46
0.50
0.54
0.58
0
5
10
15
20
25
Turn-Off Time Distribution
(I
F=5mA, IL=200mA, TA=25ºC)
Blocking Voltage (V
P)
139
140
141
142
143
144
0
5
10
15
20
25
Blocking Voltage Distribution
(T
A=25ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Temperature (ºC)
LED Forward Voltage vs. Temperature
I
F=20mA
I
F=50mA
I
F=5mA
I
F=10mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
LED Current to Operate
vs. Temperature
(I
L=100mA)
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Current vs. Load Voltage
(I
F=2mA, TA=25ºC)
LED Forward Current (mA)
0
1020
304050
0
0.1
0.2
0.3
0.4
0.5
Turn-On Time vs. LED Forward Current
(I
L=80mA, TA=25ºC)
LED Forward Current (mA)
0
1020
304050
0.425
0.430
0.435
0.440
0.445
0.450
Turn-Off Time vs. LED Forward Current
(I
L=80mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4.0
4.5
5.0
5.5
6.0
6.5
On-Resistance vs. Temperature
(I
F=2mA, IL=200mA)


Similar Part No. - LAA108PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108PTR IXYS-LAA108PTR Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LAA108PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
XAA170 CLARE-XAA170_1 Datasheet
139Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com