Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA717S Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCA717S
Description  Single Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA717S Datasheet(HTML) 2 Page - Clare, Inc.

  LCA717S Datasheet HTML 1Page - Clare, Inc. LCA717S Datasheet HTML 2Page - Clare, Inc. LCA717S Datasheet HTML 3Page - Clare, Inc. LCA717S Datasheet HTML 4Page - Clare, Inc. LCA717S Datasheet HTML 5Page - Clare, Inc. LCA717S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LCA717
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 6.67 mW/˚C
Absolute Maximum Ratings (@ 25˚C)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous
AC/DC Configuration
-I
L
--
2.0
A
DC/Arms
DC Configuration
4.0
A
Peak Load Current
t=10ms
I
LPK
-
-
5.0
A
On-Resistance1
AC/DC Configuration
I
L=1A
R
ON
-
0.083
0.15
Ω
DC Configuration
0.023
0.04
Off-State Leakage Current
V
L=30VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
ON
-
0.92
3
ms
Turn-Off
t
OFF
0.44
3
Output Capacitance
15V; f=1MHz
C
OUT
-
100
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=1A
I
F
-
0.115
2
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics
ESD Rating (Human Body Model)
1000 Volts
ESD Rating


Similar Part No. - LCA717S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA717S IXYS-LCA717S Datasheet
126Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA717STR IXYS-LCA717STR Datasheet
126Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LCA717S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com