Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB716S Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCB716S
Description  Single Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716S Datasheet(HTML) 1 Page - Clare, Inc.

  LCB716S Datasheet HTML 1Page - Clare, Inc. LCB716S Datasheet HTML 2Page - Clare, Inc. LCB716S Datasheet HTML 3Page - Clare, Inc. LCB716S Datasheet HTML 4Page - Clare, Inc. LCB716S Datasheet HTML 5Page - Clare, Inc. LCB716S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-LCB716-R01
1
LCB716
Single Pole OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
LCB716
6-Pin DIP (50/Tube)
LCB716S
6-Pin Surface Mount (50/Tube)
LCB716STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
60
V
P
Load Current
500
mA
Max On-resistance
2
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of Normally
Closed (Form B) Devices
LCB716 is a 1-Form-B solid state relay that uses
optically coupled relay technology to provide an
enhanced 3750V
rms isolation barrier between
the input and the output of the relay. The efficient
MOSFET switches use Clare's patented OptoMOS
architecture. The optically coupled output is
controlled by a highly efficient GaAlAs infrared LED.
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (gas, oil, electric and water)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized Component: File # E76270
Small 6-Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
rms Input/Output Isolation
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Tape & Reel, Surface Mount Version Available
CONTROL
10%
90%
+
TON
TOFF
+
I
LOAD
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - LCB716S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB716S IXYS-LCB716S Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB716STR IXYS-LCB716STR Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - LCB716S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com