Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-949-11 Datasheet(PDF) 3 Page - Clare, Inc.

Part # M-949-11
Description  Line Sense Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-949-11 Datasheet(HTML) 3 Page - Clare, Inc.

  M-949-11 Datasheet HTML 1Page - Clare, Inc. M-949-11 Datasheet HTML 2Page - Clare, Inc. M-949-11 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-M-949-11-R02
©Copyright 2009, Clare, Inc.
All rights reserved. Printed in USA.
1/16/09
For additional information please visit our website at: www.clare.com
3
M-949-11
MECHANICAL DIMENSIONS
PWB Pattern
Top View
14
10 9
7
3
2
7.62 typ.
(0.30 typ.)
2.54 typ.
(0.10 typ.)
0.4 - 0.6 dia.
(0.016 - 0.024 dia.)
Teltone
M-949-11
10.7 - 10.9
(0.421 - 0.429)
Pin 1 Indicator
20.6 - 20.8
(0.811 - 0.819)
0.2 - 0.4
(0.008 - 0.016)
3.3 - 3.5
(0.130 - 0.138)
10.5 - 10.7
(0.413 - 0.421)
0.75 dia.
(0.030 dia.)
Dimensions
mm
(inch)


Similar Part No. - M-949-11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-949-01 CLARE-M-949-01 Datasheet
214Kb / 3P
   Line Sense Relay
More results

Similar Description - M-949-11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-949-01 CLARE-M-949-01 Datasheet
214Kb / 3P
   Line Sense Relay
logo
Synaptics Incorporated.
CX20562 CONEXANT-CX20562 Datasheet
375Kb / 2P
   Auxiliary line in input with jack sense
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
20-2121-30 ETC2-20-2121-30 Datasheet
482Kb / 4P
   SERIES 20 OPEN LINE RELAY
logo
Infineon Technologies A...
TDA16831-4 INFINEON-TDA16831-4 Datasheet
273Kb / 21P
   Off-line SMPS Controller with 600 V Sense CoolMOS on Board
1999-12-10
logo
Shenzhen SI Semiconduct...
SIC9601 SISEMIC-SIC9601 Datasheet
366Kb / 6P
   Primary Sensing AC-DC Off-line Controller with Base-Sense Technology
logo
Siemens Semiconductor G...
BR930 SIEMENS-BR930 Datasheet
831Kb / 3P
   A dc neutral, tractive armature, line relay
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com