Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY380PN Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY380PN
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY380PN Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY380PN Datasheet HTML 1Page - Power Integrations, Inc. TNY380PN Datasheet HTML 2Page - Power Integrations, Inc. TNY380PN Datasheet HTML 3Page - Power Integrations, Inc. TNY380PN Datasheet HTML 4Page - Power Integrations, Inc. TNY380PN Datasheet HTML 5Page - Power Integrations, Inc. TNY380PN Datasheet HTML 6Page - Power Integrations, Inc. TNY380PN Datasheet HTML 7Page - Power Integrations, Inc. TNY380PN Datasheet HTML 8Page - Power Integrations, Inc. TNY380PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. A 05/07

TNY375-380
www.powerint.com
BYPASS/MULTI-FUNCTION Pin Undervoltage
The BYPASS/MULTI-FUNCTION pin undervoltage circuitry
disables the power MOSFET when the BYPASS/MULTI-
FUNCTION pin voltage drops below 4.9 V in steady state
operation. Once the BYPASS/MULTI-FUNCTION pin voltage
drops below 4.9 V in steady state operation, it must rise back to
5.85 V to enable (turn-on) the power MOSFET.
Over Temperature Protection
The thermal shutdown circuitry senses the die temperature.
The threshold is typically set at 142 °C with 75 °C hysteresis.
When the die temperature rises above this threshold, the power
MOSFET is disabled and remains disabled, until the die
temperature falls by 75 °C, at which point it is re-enabled. A
large hysteresis of 75 °C (typical) is provided to prevent
overheating of the PC board due to a continuous fault condition.
Current Limit
The current limit circuit senses the current in the power
MOSFET. When this current exceeds the internal threshold
(I
LIMIT), the power MOSFET is turned off for the remainder of that
cycle. The current limit state machine reduces the current limit
threshold by discrete amounts under medium and light loads.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so
that current spikes caused by typical capacitance and
secondary-side rectifier reverse recovery time will not cause
premature termination of the switching pulse.
Auto-Restart
In the event of a fault condition such as output overload, output
short circuit, or an open loop condition, TinySwitch-PK enters
into auto-restart operation. An internal counter clocked by the
oscillator is reset every time the EN/UV pin is pulled low. If the
EN/UV pin is not pulled low for 8192 switching cycles
(or 32 ms), the power MOSFET switching is normally disabled
for 1 second (except in the case of line undervoltage condition,
in which case it is disabled until the condition is removed). The
auto-restart alternately enables and disables the switching of
the power MOSFET until the fault condition is removed.
Figure 5 illustrates auto-restart circuit operation in the presence
of an output short circuit.
In the event of a line undervoltage condition, the switching of
the power MOSFET is disabled beyond its normal 1 second
until the line undervoltage condition ends.
Adaptive Switching Cycle On-Time Extension
Adaptive switching cycle on-time extension keeps the cycle on
until current limit is reached, instead of prematurely terminating
after the DC
MAX signal goes low. This feature reduces the
minimum input voltage required to maintain regulation, typically
extending hold-up time and minimizing the size of bulk
capacitor required. The on-time extension is disabled during
the startup of the power supply, and after auto-restart, until the
power supply output reaches regulation.
Line Undervoltage Sense Circuit
The DC line voltage can be monitored by connecting an
external resistor from the DC line to the EN/UV pin. During
power-up or when the switching of the power MOSFET is
disabled in auto-restart, the current into the EN/UV pin must
exceed 25
mA to initiate switching of the power MOSFET.
During power-up, this is accomplished by holding the BYPASS/
MULTI-FUNCTION pin to 4.9 V while the line undervoltage
condition exists. The BYPASS/MULTI-FUNCTION pin then rises
from 4.9 V to 5.85 V when the line undervoltage condition goes
away. Once MOSFET switching is enabled, the DC line voltage
is ignored unless the power supply enters auto-restart mode in
the event of a fault condition. When the switching of the power
MOSFET is disabled in auto-restart mode and a line
undervoltage condition exists, the auto-restart counter is
stopped. This stretches the disable time beyond its normal
1 second until the line undervoltage condition ends.
The line undervoltage circuit also detects when there is no
external resistor connected to the EN/UV pin (less than ~1
mA
into the pin). In this case the line undervoltage function is
disabled.
TinySwitch-PK Operation
TinySwitch-PK devices operate in the current limit mode.
When enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit or when the DC
MAX limit is
reached (applicable when On-Time Extension is disabled).
Since the highest current limit level and frequency of a
TinySwitch-PK design are constant, the power delivered to the
load is proportional to the primary inductance of the transformer
and peak primary current squared. Hence, designing the
supply involves calculating the primary inductance of the
transformer for the maximum output power required. If the
TinySwitch-PK is appropriately chosen for the power level, the
current in the calculated inductance will ramp up to current limit
before the DC
MAX limit is reached.
0
1000
2000
Time (ms)
0
5
0
10
100
200
300
V
DRAIN
V
DC-OUTPUT
Figure 5.
Auto-Restart Operation.


Similar Part No. - TNY380PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380P POWERINT-TNY380P Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY380PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com