Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCS12F60EA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKCS12F60EA
Description  Control integrated Power System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60EA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKCS12F60EA Datasheet HTML 2Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 3Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 4Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 5Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 6Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 7Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 8Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 9Page - Infineon Technologies AG IKCS12F60EA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CIPOS™ IKCS12F60EA
Target Data Sheet
6/17
Rev. 0.2, Aug. 2009
Pin Assignment
Pin Number
Pin Name
Pin Description
1
VB3
high side floating IC supply voltage
2
W,VS3
motor output W, high side floating IC supply offset voltage
3
n.a.
None
4
VB2
high side floating IC supply voltage
5
V,VS2
motor output V, high side floating IC supply offset voltage
6
n.a.
None
7
VB1
high side floating IC supply voltage
8
U,VS1
motor output U, high side floating IC supply offset voltage
9
n.a.
None
10
V+
positive bus input voltage
11
n.a.
None
12
VRU
low side emitter
13
VRV
low side emitter
14
VRW
low side emitter
15
/HIN1
input gate driver high side 1/U
16
/HIN2
input gate driver high side 2/V
17
/HIN3
input gate driver high side 3/W
18
/LIN1
input gate driver low side 1/U
19
/LIN2
input gate driver low side 2/V
20
/LIN3
input gate driver low side 3/W
21
ITRIP
input overcurrent shutdown
22
VDD
module control supply
23
VSS
module negative supply
Pin Description
/HIN1,2,3 and /LIN1,2,3 (Low side and high
side control pins, Pin 15 - 20)
These pins are active low and they are
responsible for the control of the integrated IGBT
The Schmitt-trigger input threshold of them are
such to guarantee LSTTL and CMOS compatibility
down to 3.3V controller outputs. Pull-up resistor of
about 75 kOhm is internally provided to pre-bias
inputs during supply start-up and a zener clamp is
provided for pin protection purposes. Input
schmitt-trigger and noise filter provide beneficial
noise rejection to short input pulses.
It is recommended for proper work of CiPoS™ not
to provide input pulse-width lower than 1us.
The integrated gate drive provides additionally a
shoot through prevention capability which avoids
the simultaneous on-state of two gate drivers of
the same leg (i.e. HO1 and LO1, HO2 and LO2,
HO3 and LO3).
A minimum deadtime insertion of typ 380ns is also
provided, in order to reduce cross-conduction of
the external power switches.
Figure 2: Input pin structure


Similar Part No. - IKCS12F60EA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS12F60AA INFINEON-IKCS12F60AA Datasheet
508Kb / 19P
   Control integrated Power System
Rev. 2.2, Nov. 2008
IKCS12F60AC INFINEON-IKCS12F60AC Datasheet
508Kb / 19P
   Control integrated Power System
Rev. 2.2, Nov. 2008
IKCS12F60B2A INFINEON-IKCS12F60B2A Datasheet
465Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS12F60B2C INFINEON-IKCS12F60B2C Datasheet
465Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS12F60F2A INFINEON-IKCS12F60F2A Datasheet
542Kb / 18P
   Control integrated Power System
Rev. 2, March 2009
More results

Similar Description - IKCS12F60EA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com