Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651BMLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 651BMLF
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

651BMLF Datasheet(HTML) 1 Page - Integrated Device Technology

  651BMLF Datasheet HTML 1Page - Integrated Device Technology 651BMLF Datasheet HTML 2Page - Integrated Device Technology 651BMLF Datasheet HTML 3Page - Integrated Device Technology 651BMLF Datasheet HTML 4Page - Integrated Device Technology 651BMLF Datasheet HTML 5Page - Integrated Device Technology 651BMLF Datasheet HTML 6Page - Integrated Device Technology 651BMLF Datasheet HTML 7Page - Integrated Device Technology 651BMLF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651B
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
1
ICS651B
REV B 112509
Description
The ICS651B is a low skew, single input to four output,
clock buffer. Part of IDT’s ClockBlocksTM family, this is a low
skew, small clock buffer.
IDT makes many non-PLL and PLL based low skew output
devices as well as Zero Delay Buffers to synchronize
clocks. Contact us for all of your clocking needs.
Features
Low skew outputs (250 ps)
Packaged in 8-pin SOIC
RoHS 5 (green) or RoHS 6 (green and lead-free)
package
Low power CMOS technology
Operating Voltages of 1.5 V to 2.5 V
Output Enable pin tri-states outputs
3.3 V tolerant input clock
Block Diagram
Q0
ICLK
Q1
Q2
Q3
Output Enable


Similar Part No. - 651BMLF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
651 INTEL-651 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
Marl International Limi...
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   Suitable for high vibration applications
651-102-20 MARL-651-102-20 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
More results

Similar Description - 651BMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com