Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS854S204AGILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS854S204AGILF
Description  LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S204AGILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS854S204AGILF Datasheet HTML 4Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 5Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 6Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 7Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 8Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 9Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 10Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 11Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IDT/ ICSLVDS, LVPECL FANOUT BUFFER
8
ICS854S204BGI REV. A JUNE 4, 2008
ICS854S204I
LOW SKEW, DUAL, 1-TO-2 DIFFERENTIAL-TO-LVDS, LVPECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
V
CMR
Cross Points
V
PP
GND
nPCLKA, nPCLKB
V
DD
PCLKA, PCLKB
tsk(b)
nQXx
QXx
nQXy
QXy
Where X = A or B
DIFFERENTIAL INPUT LEVEL
2.5V LVDS OUTPUT LOAD AC TEST CIRCUIT
3.3V LVDS OUTPUT LOAD AC TEST CIRCUIT
BANK SKEW
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+–
Float GND
SCOPE
Qx
nQx
LVDS
2.5V±5%
POWER SUPPLY
+–
Float GND
2.5V LVPECL OUTPUT LOAD AC TEST CIRCUIT
3.3V LVPECL OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
EE
SCOPE
Qx
nQx
LVPECL
V
EE
V
DD
-1.3V±0.165V
2V
V
DD,
V
TAP
-0.5V±0.125V
2V
V
DD
V
DD,
V
TAP


Similar Part No. - ICS854S204AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
More results

Similar Description - ICS854S204AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com