Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813252I-02 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS813252I-02
Description  VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813252I-02 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS813252I-02 Datasheet HTML 6Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 7Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 8Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 9Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 10Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 11Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 12Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 13Page - Integrated Device Technology ICS813252I-02 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IDT/ ICSVCXO JITTER ATTENUATOR/MULTIPLIER
10
CS813252CKI-02 REV. A OCTOBER 22, 2008
ICS813252I-02
VCXO JITTER ATTENUATOR & FEMTOCLOCK™ MULTIPLIER
APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perfor-
mance, power supply isolation is required. The ICS813252I-02
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCX, VCCA, and
V
CCO should be individually connected to the power supply
plane through vias, and 0.01µF bypass capacitors should be used
for each pin.
Figure 1 illustrates this for a generic V
CC pin and
also shows that V
CCA requires that an additional 10Ω resistor
along with a 10µF bypass capacitor be connected to the V
CCA pin.
FIGURE 1. POWER SUPPLY FILTERING
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
CC
= 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF ~ V
CC
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLKx
nCLKx
VCC
VDD
VDDX
VDDA
3.3V
10
Ω
10
Ω
10µF
.01µF
.01µF
10µF
.01µF


Similar Part No. - ICS813252I-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS813252I-02 RENESAS-ICS813252I-02 Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results

Similar Description - ICS813252I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com