Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA3727G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TCA3727G
Description  2-Phase Stepper-Motor Driver Bipolar IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA3727G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TCA3727G Datasheet HTML 7Page - Infineon Technologies AG TCA3727G Datasheet HTML 8Page - Infineon Technologies AG TCA3727G Datasheet HTML 9Page - Infineon Technologies AG TCA3727G Datasheet HTML 10Page - Infineon Technologies AG TCA3727G Datasheet HTML 11Page - Infineon Technologies AG TCA3727G Datasheet HTML 12Page - Infineon Technologies AG TCA3727G Datasheet HTML 13Page - Infineon Technologies AG TCA3727G Datasheet HTML 14Page - Infineon Technologies AG TCA3727G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
11
Rev. 2.0, 2004-10-01
TCA 3727
Quiescent Current
I
S, IL versus
Supply Voltage
V
S
Output Current
I
QX versus
Junction Temperature
T
j
Quiescent Current
I
S, IL versus
Junction Temperature
T
j
Operating Condition:
V
L = 5 V
V
Inh = H
C
OSC = 2.2 nF
R
sense = 1 Ω
Load:
L = 10 mH, R = 2.4
f
phase = 50 Hz
mode: fullstep
010
20
30
V
50
0
10
20
30
40
mA
Ι
XX = H
= L
XX
Ι
j
T = 25 C
S
Ι
L
Ι
L
Ι
IED01655
VS
Ι
S , L
Ι
-25
0
25
50
75 100
C 150
j
T
QX
Ι
IED01657
0
200
800
400
600
mA
-25
0
25
50
75 100
150
C
IED01656
XX
Ι = H
= L
Ι
XX
= 40V
L
Ι
L
Ι
Ι
S
j
T
0
10
40
20
Ι
Ι
S ,
30
L
mA
VS


Similar Part No. - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA3727G SIEMENS-TCA3727G Datasheet
365Kb / 27P
   2-Phase Stepper-Motor Driver
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
More results

Similar Description - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com