Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4209G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4209G
Description  Automotive Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4209G Datasheet HTML 4Page - Infineon Technologies AG TLE4209G Datasheet HTML 5Page - Infineon Technologies AG TLE4209G Datasheet HTML 6Page - Infineon Technologies AG TLE4209G Datasheet HTML 7Page - Infineon Technologies AG TLE4209G Datasheet HTML 8Page - Infineon Technologies AG TLE4209G Datasheet HTML 9Page - Infineon Technologies AG TLE4209G Datasheet HTML 10Page - Infineon Technologies AG TLE4209G Datasheet HTML 11Page - Infineon Technologies AG TLE4209G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE4209G
General Product Characteristics
Data Sheet
8
Rev. 1.3, 2008-02-04
4.4.14
Total drop
I
OUT = 0.3 A
V
SAT
–1.2
1.7
V
V
SAT = VSAT U + VSAT L
4.4.15
Total drop
I
OUT = 0.7 A
V
SAT
–1.6
2.5
V
V
SAT = VSAT U + VSAT L
Outputs OUT1-2, Clamp Diodes
4.4.16
Forward voltage; upper
V
FU
–1
1.5
V
I
F = 0.3 A
4.4.17
Upper leakage current
I
LKU
––
5mA
I
F = 0.3 A
4.4.18
Forward voltage; lower
V
FL
–0.9
1.4
V
I
F = 0.3 A
Input-Interface, Input REF
4.4.19
Quiescent voltage
V
REFq
200
mV
I
REF = 0 µA
4.4.20
Input resistance
R
REF
–6
–k
0 V <
V
REF < 0.5 V
Input-Interface, Input FB
4.4.21
Quiescent voltage
V
FBq
200
mV
I
FB = 0 µA
4.4.22
Input resistance
R
FB
–6
–k
0 V <
V
FB < 0.5 V
Input-Interface, Input/Output HYST
4.4.23
Current Amplification
A
HYST = IHYST / (IREF - IFB)
A
HYST
0.8
0.95
1.1
-20
µA < I
HYST < -10 µA;
10
µA < I
HYST < 20 µA;
I
REF = 250 µA;
V
HYST = VS / 2
4.4.24
Current Offset
I
HYSTIO
-2
0.35
3
µA
I
REF = IFB = 250 µA;
V
HYST = VS / 2
4.4.25
Threshold voltage High
V
HYH / VS
–52
%
4.4.26
Deadband voltage High
V
DBH / VS
50.4
%
4.4.27
Deadband voltage Low
V
DBL / VS
49.6
%
4.4.28
Threshold voltage Low
V
HYL / VS
–48
%
4.4.29
Hysteresis Window
V
HYW / VS 34
5%
(
V
HYH - VHYL) / VS
4.4.30
Deadband Window
V
DBW / VS 0.40.8
1.2%
(
V
DBH - VDBL) / VS
Input-Interface, Input RANGE
4.4.31
Input current
I
RANGE
-1
1
µA0 V < V
RANGE < VS
4.4.32
Switch-OFF voltage High
V
OFFH
-25
0
100
mV
refer to
V
S
4.4.33
Switch-OFF voltage Low
V
OFFL
300
400
500
mV
refer to GND
Electrical Characteristics (cont’d)
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, IOUT1-2 = 0 A, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.


Similar Part No. - TLE4209G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209G INFINEON-TLE4209G Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
More results

Similar Description - TLE4209G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7183F INFINEON-TLE7183F_16 Datasheet
799Kb / 28P
   Automotive Power
2.2, Jan. 2016
logo
OEN India Limited
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
   AUTOMOTIVE POWER RELAY
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
   AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1A-1210 OENINDIA-93-1A-1210 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN3572 OENINDIA-OEN3572 Datasheet
479Kb / 2P
   AUTOMOTIVE POWER RELAY
730-1A-0600-PC OENINDIA-730-1A-0600-PC Datasheet
86Kb / 3P
   AUTOMOTIVE POWER RELAY
78-1A-121E OENINDIA-78-1A-121E Datasheet
75Kb / 3P
   AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com