Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4240-3M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4240-3M
Description  Low Dropout Linear LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4240-3M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4240-3M Datasheet HTML 3Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 4Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 5Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 6Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 7Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 8Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 9Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 10Page - Infineon Technologies AG TLE4240-3M Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Datasheet
7
Rev. 1.1, 2006-12-07
TLE 4240-2/3 M
Typical Performance Characteristics
Current Consumption
I
q vs.
Drop Voltage
V
dr = (VI - VQ)
Output Current
I
Q vs.
Input Voltage
V
I ;VQ = 6 V
Current Consumption
I
q vs.
Output Current
I
Q
Dropout Voltage
V
dr vs.
Junction Temperature
T
j
0
V
dr [V]
23
I
q [mA]
Iq-Vdr.vsd
6
4
2
8
14
V
Q = 7 V
V
Q = 4.5 V
V
Q = 11 V
V
Q = 22 V
T
j = 25 °C
I
Q
[mA]
IQ-VI.vsd
40
30
20
50
V
Q
= 6 V
10
V
I [V]
30
40
20
0
T
j = 25 °C
T
j = 125 °C
60
0
I
Q [mA]
40
60
I
q [mA]
Iq-IQ.vsd
12
8
4
16
20
T
j = 25 °C
T
j = 150 °C
T
j = -40 °C
-40
T
j [°C]
-20
20 40
80 100
V
dr,min
[V]
VDR,MIN-TJ.VSD
0.4
0.3
0.2
0.5
0
60
140
120
0.7
I
Q = 50 mA
I
Q = 40 mA
0.1


Similar Part No. - TLE4240-3M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241 INFINEON-TLE4241 Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM Datasheet
137Kb / 15P
   Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
More results

Similar Description - TLE4240-3M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
   Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
Diodes Incorporated
BCR430UW6Q DIODES-BCR430UW6Q Datasheet
844Kb / 9P
   LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26
November 2021 Rev. 3 - 2
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Shanghai Consonance Ele...
CN5611 CONSONANCE-CN5611 Datasheet
108Kb / 8P
   Low-Dropout High-Power LED Driver
CN5612 CONSONANCE-CN5612 Datasheet
133Kb / 8P
   Low-Dropout High-Power LED Driver
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com